Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD8706 Datasheet(PDF) 11 Page - Analog Devices

Part # ADD8706
Description  16 V 5 1-Channel Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8706 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADD8706 Datasheet HTML 4Page - Analog Devices ADD8706 Datasheet HTML 5Page - Analog Devices ADD8706 Datasheet HTML 6Page - Analog Devices ADD8706 Datasheet HTML 7Page - Analog Devices ADD8706 Datasheet HTML 8Page - Analog Devices ADD8706 Datasheet HTML 9Page - Analog Devices ADD8706 Datasheet HTML 10Page - Analog Devices ADD8706 Datasheet HTML 11Page - Analog Devices ADD8706 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADD8706
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20 MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB
Figure 22. 16-Lead Thin Shrink Small Outline Package [TSSOP] (RU)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADD8706ARUZ
−40°C to +85°C
16-Lead TSSOP
RU-16
ADD8706ARUZ-REEL
−40°C to +85°C
16-Lead TSSOP
RU-16
1 Z = Pb-free part.


Similar Part No. - ADD8706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8706 AD-ADD8706 Datasheet
1Mb / 12P
   16 V 5 1 Channel Operational Amplifier
REV. 0
ADD8706 AD-ADD8706_15 Datasheet
1Mb / 12P
   16 V 5 1 Channel Operational Amplifier
REV. 0
More results

Similar Description - ADD8706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8706 AD-ADD8706_15 Datasheet
1Mb / 12P
   16 V 5 1 Channel Operational Amplifier
REV. 0
ADD8704 AD-ADD8704 Datasheet
546Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
ADA4665-2ARMZ AD-ADA4665-2ARMZ Datasheet
697Kb / 20P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
Vishay Siliconix
132 VISHAY-132_V01 Datasheet
76Kb / 3P
   1 5/16
01-Jan-2022
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Elantec Semiconductor
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
   1 Amp Power Operational Amplifier
logo
ON Semiconductor
LM321 ONSEMI-LM321 Datasheet
501Kb / 10P
   Single Channel Operational Amplifier
November, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com