Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3107D2PAPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3107D2PAPRG4
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3107D2PAPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3107D2PAPRG4 Datasheet HTML 1Page - Texas Instruments TPA3107D2PAPRG4 Datasheet HTML 2Page - Texas Instruments TPA3107D2PAPRG4 Datasheet HTML 3Page - Texas Instruments TPA3107D2PAPRG4 Datasheet HTML 4Page - Texas Instruments TPA3107D2PAPRG4 Datasheet HTML 5Page - Texas Instruments TPA3107D2PAPRG4 Datasheet HTML 6Page - Texas Instruments TPA3107D2PAPRG4 Datasheet HTML 7Page - Texas Instruments TPA3107D2PAPRG4 Datasheet HTML 8Page - Texas Instruments TPA3107D2PAPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
HTQFP
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
Simplified ApplicationCircuit
TV Audio
Processor
RINP
BSRN
BSRP
VCLAMPR
VCLAMPL
PGNDR
PGNDL
VREG
VBYP
ROSC
BSLN
ROUTN
LOUTN
LOUTP
BSLP
ROUTP
TPA3107D2
LINN
RINN
LINP
MUTE
GAIN0
GAIN1
SYNC
FAULT
PVCCR
PVCCL
AVCC
AGND
MSTR/SLV
SHUTDOWN
Shutdown
Control
MuteControl
SyncControl
FaultFlag
10Vto26V
GainSelect
1 F
m
1 F
m
1 F
m
1 F
m
10nF
100kW
0.22 F
m
0.22 F
m
0.22 F
m
0.22 F
m
1 F
m
1 F
m
1 F
m
TPA3107D2
SLOS509A – OCTOBER 2006 – REVISED NOVEMBER 2006
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Televisions
15-W/ch into an 8-
Ω Load From a 16-V Supply
Operates from 10 V to 26 V
Efficient Class-D Operation Eliminates the
The TPA3107D2 is a 15-W (per channel) efficient,
Need for Heat Sinks
Class-D audio power amplifier for driving bridged-tied
Four Selectable, Fixed Gain Settings
stereo speakers. The TPA3107D2 can drive stereo
Differential Inputs
speakers as low as 6
Ω. The high efficiency of the
Thermal and Short-Circuit Protection With
TPA3107D2, 87%, eliminates the need for an
external heat sink when playing music.
Auto Recovery Feature
Clock Output for Synchronization With
The gain of the amplifier is controlled by two gain
Multiple Class-D Devices
select pins. The gain selections are 20, 26, 32,
36 dB.
Surface Mount 10 mm
× 10 mm, 64-pin
HTQFP Package
The outputs are fully protected against shorts to
GND, VCC, and output-to-output shorts with an auto
recovery feature and monitor output.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA3107D2PAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI1-TPA3107D2PAPRG4 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3107D2PAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com