Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89531LHC Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY89531LHC
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89531LHC Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY89531LHC Datasheet HTML 7Page - Micrel Semiconductor SY89531LHC Datasheet HTML 8Page - Micrel Semiconductor SY89531LHC Datasheet HTML 9Page - Micrel Semiconductor SY89531LHC Datasheet HTML 10Page - Micrel Semiconductor SY89531LHC Datasheet HTML 11Page - Micrel Semiconductor SY89531LHC Datasheet HTML 12Page - Micrel Semiconductor SY89531LHC Datasheet HTML 13Page - Micrel Semiconductor SY89531LHC Datasheet HTML 14Page - Micrel Semiconductor SY89531LHC Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Precision Edge®
SY89531L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
Power Supply Filtering Techniques
As with any high-speed integrated circuit, power supply
filtering is very important. At a minimum, V
CCA, VCC_Logic,
and all V
CCO pins should be individually connected using a
via to the power supply plane, and separate bypass
capacitors should be used for each pin. To achieve optimal
jitter performance, each power supply pin should use
separate instances of the circuit shown in Figure 4.
*For VCC_Analog,VCC_TTL, VCC1,
use ferrite bead = 200mA, 0.45
Ω DC,
Murata P/N BLM21A1025
*For VCC_OUT use ferrite bead = 3A, 0.025
Ω DC,
Murata, P/N BLM31P005
*Component size: 0805
1
µF
22
µF
0.01
µF
Ferrite Bead*
“Power Supply”
side
“Device”
side
VCC
Pins
Figure 4. Power Supply Filtering
Output Logic Characteristics
See
“Output Termination Recommendations” for
illustrations. In cases where single-ended output is desired,
the designer should terminate the unused complimentary
output in the same manner as the normal output that is
begin used. Unused output pairs can be left floating. Unused
output banks can be switched off by tying the appropriate
FSEL pins to ground. Unused output pairs that are in a
bank that is disabled can be left floating, regardless of output
driver type.
LVPECL operation:
• Typical voltage swing is 700mV
PP to 800mVPP into
50
Ω.
• Common mode voltage is V
CC–1.3V, typical.
• 100
Ω termination across the output pair is NOT
recommended for LVPECL.
HSTL operation (Bank B):
• Typical voltage swing is 250mV
PP to 450mVPP into
effective 50
Ω.
Thermal Considerations
This part has an exposed die pad for enhanced heat
dissipation. We strongly recommend soldering the exposed
pad to a ground plane. Where this is not possible, we
recommend maintaining at least 500lfpm air flow.
For additional information on exposed-pad characteristics
and implementation details, see Amkor Technology’s write-
up at www.amkor.com.
FSEL_A2(1) (MSB)
FSEL_A1(1)
FSEL_A0(1) (LSB)
Output Divider
0
0
0
Output Disable Function, all outputs: Q = LOW, /Q = HIGH
0
0
1
VCO
÷ 2
0
1
0
VCO
÷ 4
0
1
1
VCO
÷ 6
1
0
0
VCO
÷ 8
1
0
1
VCO
÷ 10
1
1
0
VCO
÷ 12
1
1
1
VCO
÷ 18
POST-DIVIDE FREQUENCY SELECT TABLE (FSEL)
Note 1. Same dividers apply to FSEL_B (0:2) and FSEL_C (0:2).


Similar Part No. - SY89531LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89531LHC MICREL-SY89531LHC Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89531LHCTR MICREL-SY89531LHCTR Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
More results

Similar Description - SY89531LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com