Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89531LHC Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89531LHC
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89531LHC Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89531LHC Datasheet HTML 2Page - Micrel Semiconductor SY89531LHC Datasheet HTML 3Page - Micrel Semiconductor SY89531LHC Datasheet HTML 4Page - Micrel Semiconductor SY89531LHC Datasheet HTML 5Page - Micrel Semiconductor SY89531LHC Datasheet HTML 6Page - Micrel Semiconductor SY89531LHC Datasheet HTML 7Page - Micrel Semiconductor SY89531LHC Datasheet HTML 8Page - Micrel Semiconductor SY89531LHC Datasheet HTML 9Page - Micrel Semiconductor SY89531LHC Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Precision Edge®
SY89531L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
V
CC_LOGIC = VCCA = VCCOA/C = +3.3V ±10%, VCCOB = +1.8V ±10%
Symbol
Parameter
Condition
Min
Typ
Max
Units
fIN
Xtal Input Frequency Range
Note 8
14
18
MHz
fOUT
Output Frequency Range
w/Internal VCO
33.33
500
MHz
w/External VCO
——
622.08
MHz
tVCO
Internal VCO Frequency Range
600
1000
MHz
External VCO Frequency
——
1250
MHz
tskew
Within Device Skew
——
50
ps
Note 9
Within-Bank PECL
——
50
ps
Within-Bank HSTL
——
75
ps
Between Banks
——
150
ps
Part-to-Part Skew
Note 10
——
200
ps
tLOCK
Maximum PLL Lock Time
——
10
ms
tJITTER
Cycle-to-Cycle Jitter
(Pk-to-Pk)
Note 11
25
ps
Period Jitter
(RMS)
Note 12
——
50
ps
tpw (min)
Minimum Pulse Width
50
——
ns
Target PLL Loop Bandwidth
Feedback Divider Ratio: 72
Note 13
1.0
MHz
Feedback Divider Ratio: 34
Note 13
2.0
MHz
tDC
fOUT Duty Cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
(20% to 80%)LVPECL_Out
250
450
ps
HSTL_Out
100
450
ps
tOUTPUT_RESET
Note 14
——
10
ns
tHOLD_FSEL
5
——
ns
tSETUP_FSEL
5
——
ns
tOUTPUT_SYNC
1
——
VCO
clock cycle
FSEL-to-Valid Output Transition Time
——
1
µs
tSETUP_OUT_SYNC
500
——
ps
Note 8.
Fundamental mode crystal.
Note 9.
The within-device skew is defined as the worst case difference between any two similar delay paths within a single device operating at the
same voltage and temperature.
Note 10. The part-to-part skew is defined as the absolute worst case difference between any two delay paths on any two devices operating at the same
voltage and temperature.
Note 11. Cycle-to-cycle jitter definition: The variation in period between adjacent cycles over a random sample of adjacent cycle pairs. T
JITTER_CC =Tn
T
n+1 where T is the time between rising edges of the output signal.
Note 12. Period Jitter definition: For a specified amount of time (i.e., 1ms), there are N periods of a signal, and T
n is defined as the average period of
that signal. Period jitter is defined as the variation in the period of the output signal for corresponding edges relative to T
n.
Note 13. Using recommended loop filter components. See
“Functional Description, External Loop Filter Considerations.”
Note 14. See
“Timing Diagrams.”
AC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY89531LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89531LHC MICREL-SY89531LHC Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89531LHCTR MICREL-SY89531LHCTR Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
More results

Similar Description - SY89531LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com