Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89312V Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89312V
Description  3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89312V Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89312V Datasheet HTML 1Page - Micrel Semiconductor SY89312V Datasheet HTML 2Page - Micrel Semiconductor SY89312V Datasheet HTML 3Page - Micrel Semiconductor SY89312V Datasheet HTML 4Page - Micrel Semiconductor SY89312V Datasheet HTML 5Page - Micrel Semiconductor SY89312V Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Precision Edge®
SY89312V
Micrel, Inc.
M9999-051006
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE APPLICATIONS
Single-Ended
CLK
/CLK
SY89312V
0.01
µF
VBB
VCC
Figure 1. Single-Ended LVPECL Input
(Terminating Unused Input)
LVPECL OUTPUT INTERFACE APPLICATIONS
ZO = 50Ω
R2
R1
R1
R2
R3
R4
VCC —2V
VCC —1.3V
VCC
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω, R3 = 1kΩ, R4 = 1.6kΩ,
VCC = 5V; R1 = 83Ω, R2 = 125Ω, R3 = 1kΩ, R4 = 2.8kΩ,
Figure 2c. Terminating Unused I/O
R2
R2
ZO = 50Ω
ZO = 50Ω
R1
R1
VCC —2V
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω
VCC = 5V; R1 = 83Ω, R2 = 125Ω
Figure 2a. Parallel Thevenin-Equivalent
Termination
ZO = 50Ω
ZO = 50Ω
Rpd
50
50
C (Optional)
0.01
µF
VCC
VCC
VCC = 3.3V; Rpd = 50Ω
VCC = 5V; Rpd = 100Ω
Figure 2b. Three Resistor
“Y Termination”


Similar Part No. - SY89312V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89312VMGTR MICREL-SY89312VMGTR Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
More results

Similar Description - SY89312V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com