Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4922-1ARDZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4922-1ARDZ
Description  High Voltage, Differential 18-Bit ADC Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ARDZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4922-1ARDZ Datasheet HTML 2Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 3Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 4Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 5Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 6Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 7Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 8Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 9Page - Analog Devices ADA4922-1ARDZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4922-1
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DIS
NC = NO CONNECT
4
3
2
1
IN
OUT–
OUT+
VS+
REF
NC
VS–
7
8
5
6
ADA4922-1
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Internal Connection
2
REF
Reference Voltage for Single-Ended Input Signal
3
VS+
Positive Power Supply
4
OUT+
Noninverting Side of Differential Output
5
OUT−
Inverting Side of Differential Output
6
VS−
Negative Power Supply
7
DIS
Disable
8
IN
Single-Ended Signal Input


Similar Part No. - ADA4922-1ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4922-1ARDZ AD-ADA4922-1ARDZ Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
ADA4922-1ARDZ-RL AD-ADA4922-1ARDZ-RL Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
More results

Similar Description - ADA4922-1ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4922-1 AD-ADA4922-1_16 Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
ADA4922-1 AD-ADA4922-1_15 Datasheet
425Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
500Kb / 24P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_16 Datasheet
844Kb / 24P
   Single-Supply, Differential, 18-Bit ADC Driver
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com