Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFR2955 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. SFR2955
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR2955 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SFR2955 Datasheet HTML 1Page - Fairchild Semiconductor SFR2955 Datasheet HTML 2Page - Fairchild Semiconductor SFR2955 Datasheet HTML 3Page - Fairchild Semiconductor SFR2955 Datasheet HTML 4Page - Fairchild Semiconductor SFR2955 Datasheet HTML 5Page - Fairchild Semiconductor SFR2955 Datasheet HTML 6Page - Fairchild Semiconductor SFR2955 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P-CHANNEL
POWER MOSFET
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =
L
L IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
out
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
-10V
Q
g
Q
gs
Q
gd
Vary t
p to obtain
required peak I
D
-10V
V
DD
C
L
L
V
DS
I
D
R
G
t
p
DUT
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
I
D (t)
Time
V
DD
( 0.5 rated VDS )
-10V
V
out
V
in
R
L
DUT
R
G
-3mA
V
GS
Current Sampling (IG)
Resistor
Current Sampling (ID)
Resistor
DUT
V
DS
300nF
50K
200nF
12V
Same Type
as DUT
“ Current Regulator ”
R
1
R
2
SFR/U2955


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SFR9220 Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
IRLR230A Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
IRFP150VPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
NTTD4401F FETKY Power MOSFET and Schottky Diode 1  2  3  4  5  More ON Semiconductor
IRL1004SPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
NTGS4111P Power MOSFET -30 V -4.7 A Single P-Channel TSOP-6 1  2  3  4  5  ON Semiconductor
IRLZ4S HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRF730ASPBF HEXFET Power MOSFET SMPS MOSFET 1  2  3  4  5  More International Rectifier
IRF3704ZCSPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6643TRPBF DirectFET Power MOSFET - Typical value unless otherwise specified 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn