Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IA1208-FE10A Datasheet(PDF) 5 Page - Rohm

Part No. IA1208-FE10A
Description  Color image sensor heads for High-speed Scanner
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

IA1208-FE10A Datasheet(HTML) 5 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IA1208-FE10A
Contact image sensor heads
5/5
Circuit diagram
VDD
VDD
GND
SP
CLK
1
3456
3457
6912
6913
10368
10368
1
AO1
AO2
AO3
VLED
VREF
VREF
MODE
MODE
RGND
GGND
BGND
1
µF×6
ANALOG MEMORY CIRCUIT
Peripheral circuit
IMAGE SENSOR UNIT
VREF
A 1
VDD
MODE
GND
CLK
SP
C2
R2
R1
R3
R
G
C3
C4
LED GND
VLED
B
15
12
1
3
5
9
8
10
11
2, 4, 7
6
14
13
C1
C5
R3
R3
A 2
A 3
R1
=R2=100Ω, R3=100KΩ
C1
=C2=47µF
C3
=100µF, C4=0.1µF, C5=100pF


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn