Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5317 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5317
Description  Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5317 Datasheet(HTML) 1 Page - Analog Devices

  ADL5317 Datasheet HTML 1Page - Analog Devices ADL5317 Datasheet HTML 2Page - Analog Devices ADL5317 Datasheet HTML 3Page - Analog Devices ADL5317 Datasheet HTML 4Page - Analog Devices ADL5317 Datasheet HTML 5Page - Analog Devices ADL5317 Datasheet HTML 6Page - Analog Devices ADL5317 Datasheet HTML 7Page - Analog Devices ADL5317 Datasheet HTML 8Page - Analog Devices ADL5317 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Avalanche Photodiode Bias Controller and
Wide Range (5 nA to 5 mA) Current Monitor
ADL5317
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Accurately sets avalanche photodiode (APD) bias voltage
Wide bias range from 6 V to 75 V
3 V-compatible control interface
Monitors photodiode current (5:1 ratio) over six decades
Linearity 0.25% from 10 nA to 1 mA, 0.5% from 5 nA to 5 mA
Overcurrent protection and overtemperature shutdown
Miniature 16-lead chip scale package (LFCSP 3 mm
× 3 mm)
APPLICATIONS
Optical power monitoring and biasing in APD systems
Wide dynamic range voltage sourcing and current
monitoring in high voltage systems
FUNCTIONAL BLOCK DIAGRAM
OVERCURRENT
PROTECTION
THERMAL
PROTECTION
FALT
VSET
VPLV
VPHV
VPHV
VCLH
GARD
VAPD
IAPD
CURRENT
MIRROR
5:1
30
× V
SET
IAPD
5
ADL5317
R
29
× R
COMM
16
COMM
15
COMM
14
COMM
13
13
1
2
3
4
5
6
7
8
IPDM
11
12
NC
10
NC
9
GARD
Figure 1.
GENERAL DESCRIPTION
The ADL5317 is a high voltage, wide dynamic range, biasing
and current monitoring device optimized for use with
avalanche photodiodes. When used with a stable high voltage
supply (up to 80 V), the bias voltage at the VAPD pin can be
varied from 6 V to 75 V using the 3 V-compatible VSET pin.
The current sourced from the VAPD pin over a range of 5 nA to
5 mA is accurately mirrored with an attenuation of 5 and
sourced from the IPDM monitor output. In a typical
application, the monitor output drives a current input
logarithmic amplifier to produce an output representing the
optical power incident upon the photodiode. The photodiode
anode can be connected to a high speed transimpedance
amplifier for the extraction of the data stream.
A signal of 0.2 V to 2.5 V with respect to ground applied at the
VSET pin is amplified by a fixed gain of 30 to produce the 6 V
to 75 V bias at Pin VAPD. The accuracy of the bias control
interface of the ADL5317 allows for straightforward calibration,
thereby maintaining a constant avalanche multiplication factor
of the photodiode over temperature. The current monitor
output, IPDM, maintains its high linearity vs. photodiode
current over the full range of APD bias voltage. The current
ratio of 5:1 remains constant as VSET and VPHV are varied.
The ADL5317 also offers a supply tracking mode compatible
with adjustable high voltage supplies. The VAPD pin accurately
follows 2.0 V below the VPHV supply pin when VSET is tied to
a voltage from 3.0 V to 5.5 V (or higher with a current limiting
resistor), and the VCLH pin is open.
Protection from excessive input current at VAPD as well as
excessive die temperature is provided. The voltage at VAPD falls
rapidly from its setpoint when the input current exceeds 18 mA
nominally. A die temperature in excess of 140°C will cause the
bias controller and monitor to shut down until the temperature
falls below 120°C. Either overstress condition will trigger a logic
low at the FALT pin, an open collector output loaded by an
external pull-up to an appropriate logic supply (1 mA max).
The ADL5317 is available in a 16-lead LFCSP package and is
specified for operation from −40°C to +85°C.


Similar Part No. - ADL5317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5317-EVAL AD-ADL5317-EVAL Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
ADL5317ACPZ-REEL7 AD-ADL5317ACPZ-REEL7 Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
ADL5317ACPZ-WP AD-ADL5317ACPZ-WP Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
ADL5317 AD-ADL5317_15 Datasheet
548Kb / 16P
   Avalanche Photodiode Bias Controller
REV. 0
ADL5317 AD-ADL5317_17 Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
More results

Similar Description - ADL5317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5317 AD-ADL5317_15 Datasheet
548Kb / 16P
   Avalanche Photodiode Bias Controller
REV. 0
ADL5317 AD-ADL5317_17 Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
ADL5315 AD-ADL5315 Datasheet
407Kb / 20P
   Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
REV. 0
logo
List of Unclassifed Man...
M02066 ETC2-M02066 Datasheet
681Kb / 20P
   Bias and modulation current monitor
logo
Zetex Semiconductors
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
   Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
   Precision wide input range current monitor
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
   Precision wide input range current monitor
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
   Precision wide input range current monitor
logo
Texas Instruments
LM5117 TI1-LM5117 Datasheet
702Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117 TI-LM25117 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com