Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG407CWI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DG407CWI
Description  Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG407CWI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DG407CWI Datasheet HTML 4Page - Maxim Integrated Products DG407CWI Datasheet HTML 5Page - Maxim Integrated Products DG407CWI Datasheet HTML 6Page - Maxim Integrated Products DG407CWI Datasheet HTML 7Page - Maxim Integrated Products DG407CWI Datasheet HTML 8Page - Maxim Integrated Products DG407CWI Datasheet HTML 9Page - Maxim Integrated Products DG407CWI Datasheet HTML 10Page - Maxim Integrated Products DG407CWI Datasheet HTML 11Page - Maxim Integrated Products DG407CWI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Improved, 16-Channel/Dual 8-Channel,
CMOS Analog Multiplexers
_______________________________________________________________________________________
9
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
A3
S16
D
DG406
S1
RS = 50Ω
VIN
EN
10nF
RL = 1kΩ
OFF ISOLATION = 20log
VOUT
VIN
10nF
+15V
-15V
GND
V+
A1
V-
A0
A2
A3
S16
COM
DG406
S2
RS = 50Ω
VOUT
EN
10nF
RL =
1k
CROSSTALK = 20log
VOUT
VIN
10nF
S1
+15V
-15V
GND
V+
A2
V-
A3
A1
A0
S16
DG406
CHANNEL
SELECT
S1
D
EN
Meter
Impedance
Analyzer
f = 1MHz
_________________________________Test Circuits/Timing Diagrams (continued)
Figure 6. Off Isolation
Figure 7. Crosstalk
Figure 8. Source/Drain Capacitance


Similar Part No. - DG407CWI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG407 INTERSIL-DG407 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG407 INTERSIL-DG407 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Vishay Siliconix
DG407 VISHAY-DG407 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
logo
Maxim Integrated Produc...
DG407 MAXIM-DG407 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG407 VISHAY-DG407 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
More results

Similar Description - DG407CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com