Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG407DJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG407DJ
Description  Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG407DJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG407DJ Datasheet HTML 1Page - Maxim Integrated Products DG407DJ Datasheet HTML 2Page - Maxim Integrated Products DG407DJ Datasheet HTML 3Page - Maxim Integrated Products DG407DJ Datasheet HTML 4Page - Maxim Integrated Products DG407DJ Datasheet HTML 5Page - Maxim Integrated Products DG407DJ Datasheet HTML 6Page - Maxim Integrated Products DG407DJ Datasheet HTML 7Page - Maxim Integrated Products DG407DJ Datasheet HTML 8Page - Maxim Integrated Products DG407DJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Improved, 16-Channel/Dual 8-Channel,
CMOS Analog Multiplexers
4
_______________________________________________________________________________________
(Note 3)
CONDITIONS
CL = 1.0nF,
VS1 = 0V,
RS = 0Ω
VAL = 0V,
VS1 = 5V,
Figure 3
VAL = 0V,
VS1 = 5V,
Figure 3
VS1 = 8V,
VS16 = 0V,
VA = 0V,
Figure 2
Is = -1.0mA
VD = 3V or 10V
pC
210
Q
Charge Injection
(Note 3)
ns
80
300
tOFF(EN)
Enable Turn-Off Time
(Note 3)
V
012
VANALOG
Analog Signal Range
ns
105
600
tON(EN)
Enable Turn-On Time
(Note 3)
ns
130
450
tTRANS
Transition Time
(Note 3)
120
175
rDS(ON)
Drain-Source On-Resistance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: The algebraic convention where the most negative value is a minimum and the most positive value a maximum is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN). On-resistance match between channels and flatness are guaranteed only with specified
voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured at
the extremes of the specified analog signal range.
Note 5: Leakage parameters are 100% tested at the maximum rated hot temperature and guaranteed by correlation at +25°C.
Note 6: Off isolation = 20log VD/VS, where VD = output and VS = input to off switch.
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
SWITCH
DYNAMIC


Similar Part No. - DG407DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG407DJ INTERSIL-DG407DJ Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG407DJ INTERSIL-DG407DJ Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Vishay Siliconix
DG407DJ VISHAY-DG407DJ Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG407DJ VISHAY-DG407DJ Datasheet
199Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG407DJ-E3 VISHAY-DG407DJ-E3 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
More results

Similar Description - DG407DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com