Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA47 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OA47
Description  GOLD BONDED, GERMANIUM DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OA47 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OA47 Datasheet HTML 2Page - List of Unclassifed Manufacturers OA47 Datasheet HTML 3Page - List of Unclassifed Manufacturers OA47 Datasheet HTML 4Page - List of Unclassifed Manufacturers OA47 Datasheet HTML 5Page - List of Unclassifed Manufacturers OA47 Datasheet HTML 6Page - List of Unclassifed Manufacturers OA47 Datasheet HTML 7Page - List of Unclassifed Manufacturers OA47 Datasheet HTML 8Page - List of Unclassifed Manufacturers OA47 Datasheet HTML 9Page - List of Unclassifed Manufacturers OA47 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image


Similar Part No. - OA47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA47 ETC1-OA47 Datasheet
41Kb / 1P
   JEDEC DO-7 PACKAGE
logo
New Jersey Semi-Conduct...
OA47 NJSEMI-OA47 Datasheet
136Kb / 1P
   GERMANIUM DIODES
logo
American Microsemicondu...
OA47 AMMSEMI-OA47 Datasheet
232Kb / 1P
   Technical Specifications
logo
ORION FANS
OA4715 ORIONFANS-OA4715 Datasheet
119Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA4715 ORIONFANS-OA4715 Datasheet
5Mb / 8P
   AC & EC FANS
More results

Similar Description - OA47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N60 ETC-1N60 Datasheet
71Kb / 1P
   GOLD BONDED GERMANIUM DIODE
AA137 ETC-AA137 Datasheet
31Kb / 1P
   GOLD BONDED GERMANIUM DIODE
AA139 ETC-AA139 Datasheet
31Kb / 1P
   GOLD BONDED GERMANIUM DIODE
logo
New Jersey Semi-Conduct...
OA180 NJSEMI-OA180 Datasheet
45Kb / 1P
   Gold Bonded Germanium Diode
1N50 NJSEMI-1N50 Datasheet
43Kb / 1P
   GOLD BONDED GERMANIUM DIODE
1N52A NJSEMI-1N52A Datasheet
44Kb / 1P
   GOLD BONDED GERMANIUM DIODE
OA1182 NJSEMI-OA1182 Datasheet
44Kb / 1P
   Gold Bonded Germanium Diode
1N45 NJSEMI-1N45 Datasheet
43Kb / 1P
   GOLD BONDED GERMANIUM DIODE
1N35 NJSEMI-1N35 Datasheet
45Kb / 1P
   GOLD BONDED GERMANIUM DIODE
1N49 NJSEMI-1N49 Datasheet
43Kb / 1P
   GOLD BONDED GERMANIUM DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com