Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG407AK Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DG407AK
Description  Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG407AK Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DG407AK Datasheet HTML 4Page - Maxim Integrated Products DG407AK Datasheet HTML 5Page - Maxim Integrated Products DG407AK Datasheet HTML 6Page - Maxim Integrated Products DG407AK Datasheet HTML 7Page - Maxim Integrated Products DG407AK Datasheet HTML 8Page - Maxim Integrated Products DG407AK Datasheet HTML 9Page - Maxim Integrated Products DG407AK Datasheet HTML 10Page - Maxim Integrated Products DG407AK Datasheet HTML 11Page - Maxim Integrated Products DG407AK Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Improved, 16-Channel/Dual 8-Channel,
CMOS Analog Multiplexers
______________________________________________________________________________________
11
CMOS DECODERS/DRIVERS
A0
A1
A2
EN
S8B
S7B
S6B
S5B
S4B
S3B
S2B
S1B
S8A
S7A
S6A
S5A
S4A
S3A
S2A
S1A
DA
V+
V-
GND
DB
DG407 8-CHANNEL DIFFERENTIAL MULTIPLEXER
_Ordering Information (continued)
* Contact factory for dice specifications.
28 CERDIP
-55°C to +125°C
DG407AK
28 PLCC
-40°C to +85°C
DG407DN
28 Wide SO
-40°C to +85°C
DG407DWI
28 Plastic DIP
-40°C to +85°C
DG407DJ
Dice*
0°C to +70°C
DG407C/D
28 Wide SO
28 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
0°C to +70°C
DG407CWI
DG407CJ
PART
__Functional Diagrams (continued)


Similar Part No. - DG407AK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG407AK/883 INTERSIL-DG407AK/883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
More results

Similar Description - DG407AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com