Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT6402-20 Datasheet(PDF) 6 Page - Linear Technology

Part No. LT6402-20
Description  300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT6402-20 Datasheet(HTML) 6 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6402-20
6
640220fa
FREQUENCY (MHz)
5
30
35
40
45
50
60
10
15
20
25
64022 G06
30
35
55
UNFILTERED OUTPUTS
FILTERED OUTPUTS
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
FREQUENCY (MHz)
5
–110
–100
–90
–80
10
15
20
25
64022 G04
30
–70
–60
–105
–95
–85
–75
–65
35
UNFILTERED OUTPUTS
FILTERED OUTPUTS
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
FREQUENCY (MHz)
5
–110
–100
–90
–80
10
15
20
25
64022 G05
30
–70
–60
–105
–95
–85
–75
–65
35
UNFILTERED OUTPUTS
FILTERED OUTPUTS
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
FREQUENCY (MHz)
5
30
35
40
45
50
60
10
15
20
25
64022 G07
30
35
55
UNFILTERED OUTPUTS
FILTERED OUTPUTS
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
FREQUENCY (MHz)
1
–100
–90
–80
–70
–60
–40
10
100
64022 G08
–50
HD2
HD3
FILTERED OUTPUTS
VOUT = 2VP-P
FREQUENCY (MHz)
1
–100
–90
–80
–70
–60
–40
10
100
64022 G10
–50
HD2
HD3
UNFILTERED OUTPUTS
VOUT = 2VP-P
OUTPUT AMPLITUDE (dBm)
0
–80
–75
–70
8
64022 G12
–85
–90
–95
123
45
67
9
10
HD2
HD3
FILTERED OUTPUTS
20MHz DIFFERENTIAL INPUT
NO RLOAD
OUTPUT AMPLITUDE (dBm)
0
–70
–72
–74
–76
–78
–80
–82
–84
– 86
8
64022 G13
246
10
7
135
9
HD2
HD3
UNFILTERED OUTPUTS
20MHz DIFFERENTIAL INPUT
NO RLOAD
FREQUENCY (Hz)
1
10
15
20
25
10
100
1000
64022 G14
5
0
–5
–10
400
LOAD
UNFILTERED OUTPUTS
100
LOAD
Third Order Intermodulation
Distortion vs Frequency
Differential Input, No RLOAD
Third Order Intermodulation
Distortion vs Frequency
Differential Input, RLOAD = 400Ω
Output Third Order Intercept vs
Frequency, Differential Input,
No RLOAD
TYPICAL PERFOR A CE CHARACTERISTICS
Distortion vs Output Amplitude
20MHz Differential Input,
No RLOAD (Filtered)
Output 1dB Compression
vs Frequency
Output Third Order Intercept vs
Frequency, Differential Input,
RLOAD = 400Ω
Distortion vs Frequency,
Differential Input, No RLOAD
(Filtered)
Distortion vs Frequency,
Differential Input, No RLOAD
(Unfiltered)
Distortion vs Output Amplitude
20MHz Differential Input,
No RLOAD (Unfiltered)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn