Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV12816DL-55T Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IC62LV12816DL-55T
Description  128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV12816DL-55T Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IC62LV12816DL-55T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV12816DL-55T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV12816DL-55T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV12816DL-55T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV12816DL-55T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV12816DL-55T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV12816DL-55T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC62LV12816DL-55T Datasheet HTML 11Page - Integrated Circuit Solution Inc IC62LV12816DL-55T Datasheet HTML 12Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Integrated Circuit Solution Inc.
LPSR025-0A 6/7/2002
IC62LV12816DL
IC62LV12816DLL
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VDR
Vcc for Data Retention
See Data Retention Waveform
1.5
3.6
V
IDR
Data Retention Current
VCC = 1.5V, CE1
≥ VCC – 0.2V(1) Com. (-L)
20
µA
Com. (-LL)
5
Ind. (-L)
25
Ind. (-LL)
8
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
—ns
WRITE CYCLE NO. 4 (UB / LB Controlled)
DATA UNDEFINED
t WC
ADDRESS 1
ADDRESS 2
t WC
HIGH-Z
t PBW
WORD 1
WORD 2
t HD
t SA
t HZWE
ADDRESS
CE1
UB, LB
WE
DOUT
DIN
CE2
OE
DATAIN
VALID
t LZWE
t SD
t PBW
DATAIN
VALID
t SD
t HD
t SA
t HA
t HA
Notes:
1. 1) CE1
VCC -0.2V, CE2 VCC -0.2V, (CE1 controlled) or
2) 0V
CE2 0.2V (CE2 controlled) or
3)
LB = UB VCC -0.2V, CE2 VCC -0.2V (LB/UB controlled)


Similar Part No. - IC62LV12816DL-55T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100B ICSI-IC62LV12816L-100B Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100BI ICSI-IC62LV12816L-100BI Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100T ICSI-IC62LV12816L-100T Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100TI ICSI-IC62LV12816L-100TI Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IC62LV12816DL-55T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV51216L ICSI-IC62LV51216L Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Cypress Semiconductor
CY62136ESL_1106 CYPRESS-CY62136ESL_1106 Datasheet
485Kb / 15P
   2-Mbit (128 K x 16) Static RAM Ultra low standby power
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62U6416LL ISSI-IS62U6416LL Datasheet
82Kb / 9P
   64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
   64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com