Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG406 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. DG406
Description  Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

DG406 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Improved, 16-Channel/Dual 8-Channel,
CMOS Analog Multiplexers
_______________________________________________________________________________________
5
120
140
160
ON-RESISTANCE vs. VD
(DUAL SUPPLIES)
100
0
20
40
60
-20
20
-15
15
-10
10
-5
5
0
80
VD (V)
±5V
±10V
±15V
±20V
120
ON-RESISTANCE vs. VD AND
TEMPERATURE (DUAL SUPPLIES)
100
0
20
40
60
-15
15
-10
10
-5
5
0
80
VD (V)
+125°C
+85°C
+25°C
-55°C
V+ = 15V
V- = -15V
280
320
360
400
ON-RESISTANCE vs. VD
(SINGLE SUPPLY)
240
40
80
120
160
15
20
10
5
0
200
VD (V)
5V
10V
15V
20V
120
140
160
ON-RESISTANCE vs. VD AND
TEMPERATURE (SINGLE SUPPLY)
100
0
20
40
60
15
10
5
0
80
VD (V)
+125°C
+85°C
+25°C
-55°C
V+ = 15V
V- = 0V
30
CHARGE INJECTION vs. VD
20
-30
-20
-10
0
-15
15
-10
10
-5
5
0
10
VD (V)
V+ = 12V
V- = 0V
V+ = 15V
V- = -15V
10
0.0001
-55
125
OFF LEAKAGE vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-35 -15
65
0.1
100
1000
45
85 105
5
INO (OFF)
ICOM (ON)
V+ = 15V
V- = -15V
10
0.0001
-55
125
ON LEAKAGE vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-35 -15
65
0.1
100
1000
45
85 105
5
ICOM (ON)
V+ = 15V
V- = -15V
100
0.001
-55
125
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (
°C)
25
0.1
0.01
-35 -15
65
1
45
85 105
5
I+
I-
V+ = +15V
V- = -15V
VEN = VA = 0V, 4.5V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn