Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG406 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. DG406
Description  Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

DG406 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Improved, 16-Channel/Dual 8-Channel,
CMOS Analog Multiplexers
4
_______________________________________________________________________________________
(Note 3)
CONDITIONS
CL = 1.0nF,
VS1 = 0V,
RS = 0Ω
VAL = 0V,
VS1 = 5V,
Figure 3
VAL = 0V,
VS1 = 5V,
Figure 3
VS1 = 8V,
VS16 = 0V,
VA = 0V,
Figure 2
Is = -1.0mA
VD = 3V or 10V
pC
210
Q
Charge Injection
(Note 3)
ns
80
300
tOFF(EN)
Enable Turn-Off Time
(Note 3)
V
012
VANALOG
Analog Signal Range
ns
105
600
tON(EN)
Enable Turn-On Time
(Note 3)
ns
130
450
tTRANS
Transition Time
(Note 3)
120
175
rDS(ON)
Drain-Source On-Resistance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: The algebraic convention where the most negative value is a minimum and the most positive value a maximum is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN). On-resistance match between channels and flatness are guaranteed only with specified
voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured at
the extremes of the specified analog signal range.
Note 5: Leakage parameters are 100% tested at the maximum rated hot temperature and guaranteed by correlation at +25°C.
Note 6: Off isolation = 20log VD/VS, where VD = output and VS = input to off switch.
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
SWITCH
DYNAMIC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn