Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTI206FTN Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # LTI206FTN
Description  200 V - 1,000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

LTI206FTN Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  LTI206FTN Datasheet HTML 1Page - Voltage Multipliers Inc. LTI206FTN Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
210
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
0
5
10
15
20
25
30
25
50
75
100
125
150
Ambient Temperature (C)
200TN
200FTN-UFTN
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
LTI202TN - LTI210TN • LTI202FTN - LTI210FTN • LTI202UFTN - LTI210UFTN
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
Ambient Temperature (°C)
Temperature (°C)


Similar Part No. - LTI206FTN

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
LTI206FTD VMI-LTI206FTD Datasheet
130Kb / 2P
   200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI206FTP VMI-LTI206FTP Datasheet
130Kb / 2P
   200 V - 1,000 V Positive Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - LTI206FTN

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
LTI202N VMI-LTI202N Datasheet
121Kb / 2P
   200 V - 1,000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202P VMI-LTI202P Datasheet
121Kb / 2P
   200 V - 1,000 V Positive Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202TP VMI-LTI202TP Datasheet
130Kb / 2P
   200 V - 1,000 V Positive Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI402T VMI-LTI402T Datasheet
136Kb / 2P
   200 V - 1,000 V Single Phase Bridge 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI402 VMI-LTI402 Datasheet
127Kb / 2P
   200 V - 1,000 V Single Phase Bridge 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
1502B VMI-1502B Datasheet
233Kb / 2P
   200 V - 1,000 V Single Phase Bridge 22.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
1502A VMI-1502A Datasheet
117Kb / 2P
   200 V - 1,000 V Single Phase Bridge 22.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
3402B VMI-3402B Datasheet
261Kb / 2P
   200 V - 1,000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202D VMI-LTI202D Datasheet
121Kb / 2P
   200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202TD VMI-LTI202TD Datasheet
130Kb / 2P
   200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com