Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP6100P300-12 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # LP6100P300-12
Description  HeNe Laser Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

LP6100P300-12 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  LP6100P300-12 Datasheet HTML 1Page - Voltage Multipliers Inc. LP6100P300-12 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
Dimensions: In. (mm) • Data subject to change without notice.
XRS035N100
XRS040N200
LP6 Series
The LP6 series of power
supplies is designed for
critical Helium Neon laser
applications.
Standard features include
short circuit protection, 75%
or higher efficiency, and
excellent regulation.
The LPS is especially
suitable for precision
applications where low
ripple is essential.
Rugged and light weight,
the LPS series is extremely
reliable.
HeNe Laser Power Supply
• Low ripple current
• High efficiency
• Excellent load & line regulation
• Short circuit protection
Features
SPECIFICATIONS
Electrical
LP6100P Series
Input Voltage:
5, 12, 15, or 24V DC
Start Voltage:
> 10KV
Run Current:
2.0 to 5.0 mA
Run Voltage:
1000-1750VDC
Current Ripple:
< 0.1%rms
Current Regulation:
+/- 0.1mA
Efficiency
>= 75%
Power
6W
Input/Output
• Input Connector
Molex 09-50-7031
• Output Lead
#22AWG, 20KV, PVC Wire
• Output Connector
Optional, Contact Factory
Environmental
• Storage Temperature
-40°C to +75°C
• Operating Temperature
-5°C to +60°C
Complete Part Number Specification
YY = VinDC
-05 = 5V
-12 = 12V
-15 = 15V
-24 = 24V
10.0kV Start Voltage
Output Polarity
P = Positive
Series Name
Laser Power Supply, 6W
XXX
= Run Current
Range
= 200 to 500
(ex. 200 = 2.0mA
500 = 5.0mA)
LP6 100 P XXX YY


Similar Part No. - LP6100P300-12

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
LP6100P200-05 VMI-LP6100P200-05_13 Datasheet
625Kb / 2P
   HeNe Laser Power SupplyLP6100P Series
More results

Similar Description - LP6100P300-12

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
LP6100P200-05 VMI-LP6100P200-05_13 Datasheet
625Kb / 2P
   HeNe Laser Power SupplyLP6100P Series
logo
Elantec Semiconductor
EL6250C ELANTEC-EL6250C Datasheet
134Kb / 2P
   Split Supply Laser Driver and Oscillator
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
logo
Roithner LaserTechnik G...
LASERCHECK ROITHNER-LASERCHECK Datasheet
122Kb / 2P
   Handheld Laser Power Meter
logo
Sanyo Semicon Device
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
   Power Supply
logo
Pepperl+Fuchs Inc.
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
   Power supply
PSU-IDMX61-BC-N0-N0 PF-PSU-IDMX61-BC-N0-N0 Datasheet
113Kb / 1P
   Power supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
   Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
   Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com