Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM41028LA12TSOTY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDM41028LA12TSOTY
Description  1 Megabit Static RAM 256K x 4-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM41028LA12TSOTY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDM41028LA12TSOTY Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41028LA12TSOTY Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41028LA12TSOTY Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41028LA12TSOTY Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41028LA12TSOTY Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41028LA12TSOTY Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41028LA12TSOTY Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41028LA12TSOTY Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 2.2 - 4/29/98
1
1
2
3
4
5
6
7
8
9
10
11
12
Features
n High speed access times
Com’l: 10, 12 and 15 ns
Ind’l: 12 and 15 ns
n Low power operation (typical)
- PDM41028SA
Active: 400 mW
Standby: 150 mW
- PDM41028LA
Active: 350 mW
Standby: 100 mW
n Single +5V (±10%) power supply
n TTL-compatible inputs and outputs
n Packages
Plastic SOJ (300 mil) - TSO
Plastic SOJ (400 mil) - SO
Description
The PDM41028 is a high-performance CMOS static
RAM organized as 262,144 x 4 bits. Writing to this
device is accomplished when the write enable (WE)
and the chip enable (CE) inputs are both LOW.
Reading is accomplished when WE remains HIGH
and CE and OE are both LOW.
The PDM41028 operates from a single +5V power
supply and all the inputs and outputs are fully TTL-
compatible. The PDM41028 comes in two versions,
the standard power version PDM41028SA and a low
power version the PDM41028LA. The two versions
are functionally the same and only differ in their
power consumption.
The PDM41028 is available in a 28-pin 300-mil SOJ,
and a 28-pin 400-mil SOJ for surface mount
applications.
A
A
0
17
I/O
I/O
I/O
I/O
0
1
2
3
CE
Addresses
Decoder
Memory
Matrix
Input
Data
Control
Column I/O
•••••
OE
WE
Functional Block Diagram
PDM41028
1 Megabit Static RAM
256K x 4-Bit


Similar Part No. - PDM41028LA12TSOTY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
More results

Similar Description - PDM41028LA12TSOTY

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
logo
Integrated Device Techn...
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Cypress Semiconductor
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
   1-Mbit (256K x 4) Static RAM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com