Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVP050P5000 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part No. HVP050P5000
Description  High Voltage Power Supply - 250W Series
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VMI [Voltage Multipliers Inc.]
Homepage  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

HVP050P5000 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  HVP050P5000 Datasheet HTML 1Page - Voltage Multipliers Inc. HVP050P5000 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
Dimensions: In. (mm) • Data subject to change without notice.
High Voltage Power
Supply - 250W Series
HVP050P5000 HVP050N5000
HVP080P3000 HVP080N3000
HVP125P2000 HVP125N2000
Input:
• 115 or 230V AC, 50/60 Hz
Voltage Regulation:
• Less than .5% of Output Voltage
Current Regulation:
• Less than .5% of Output Current
at 20% to 100% of Rated Voltage
Ripple:
• Less than 1% of Output Voltage
Temperature Coefficient:
• 200 ppm/°C
Ambient Temperature:
• Operating:
0°C to 50°C
• Storage:
-20°C to +70°C
Optional HV Cable:
• Dielectric Sciences 2121 (Consult factory)
SPECIFICATIONS
ELECTRICAL RATINGS
HVP Series
The HVP series provide
250 watts of output power
up to 125kV.
The outputs are fully
adjustable from zero to
100% of the maximum
rating.
Built-in EMI filtering,
safety interlocks, over-
voltage/over-current arc
protection, short circuit
protection, and constant
voltage/current operation,
are just a few of the
standard features in this
series.
• Voltage programming
• Current programming
• Safety interlock
• Short circuit protection
• NEMA 12 enclosure
• Low ripple
Features:
t
r
a
P
r
e
b
m
u
N
V
X
A
M
I
X
A
M
V
kA
m
0
0
0
5
P
0
5
0
P
V
H0
50
.
5
0
0
0
5
N
0
5
0
P
V
H0
5
-0
.
5
0
0
0
3
P
0
8
0
P
V
H0
80
.
3
0
0
0
3
N
0
8
0
P
V
H0
8
-0
.
3
0
0
0
2
P
5
2
1
P
V
H5
2
10
.
2
0
0
0
2
N
5
2
1
P
V
H5
2
1
-0
.
2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn