Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVP050P5000 Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part No. HVP050P5000
Description  High Voltage Power Supply - 250W Series
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VMI [Voltage Multipliers Inc.]
Homepage  http://www.voltagemultipliers.com
Logo 

HVP050P5000 Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
182
HVP050P5000 HVP050N5000 HVP080P3000
HVP080N3000 HVP125P2000 HVP125N2000
16.0
(406)
6.8
(173)
16.0(406)
Adjustable
Mounting Tabs
(4 PL)
HV Output
Chassis
Ground
Stud
Input
Power/
Fault
Interface
Power Input
#
N
I
PN
O
I
T
C
N
U
F#
N
I
PN
O
I
T
C
N
U
F
1t
u
O
k
c
o
l
r
e
t
n
I9
n
I
m
a
r
g
o
r
P
I
2n
I
k
c
o
l
r
e
t
n
I0
1n
I
m
a
r
g
o
r
P
V
3V
2
1
+1
1t
u
O
m
a
r
g
o
r
P
I
4e
l
b
a
n
E
V
H2
1t
u
O
m
a
r
g
o
r
P
V
5e
l
b
a
n
E
l
a
c
o
L3
1C
/
N
6n
o
m
m
o
C4
1C
/
N
7r
o
t
i
n
o
M
I5
1C
/
N
8r
o
t
i
n
o
M
V6
1d
l
e
i
h
S
INTERFACE
Interface
#
N
I
PN
O
I
T
C
N
U
F
1d
n
u
o
r
G
2l
a
r
t
u
e
N
3e
n
i
L
4t
u
O
t
l
u
a
F
5n
r
u
t
e
R
t
l
u
a
F
6C
/
N
POWER INPUT
*Consult factory for cable connnection options.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn