Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50062GAC Datasheet(PDF) 28 Page - Zarlink Semiconductor Inc

Part # ZL50062GAC
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50062GAC Datasheet(HTML) 28 Page - Zarlink Semiconductor Inc

Back Button ZL50062GAC Datasheet HTML 24Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 25Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 27Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 28Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 29Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 30Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 31Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 32Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
ZL50062/4
Data Sheet
28
Zarlink Semiconductor Inc.
The data throughput delay (T) is: T = 2 frames + (n - m). Assuming that m (input channel) and n (output channel)
are equal, we have the figure below, in which the delay between the input data being written and the output data
being read is exactly 2 frames.
Figure 12 - Data Throughput Delay with Input Ch0 Switched to Output Ch0
Assuming that n (output channel) is greater than m (input channel), we have the figure below, in which the delay
time between the input channel being written and the output channel being read exceeds 2 frames.
Figure 13 - Data Throughput Delay with Input Ch0 Switched to Output Ch13
Assuming that n (output channel) is less than m (input channel), we have the figure below, in which the delay time
between the input channel being written and the output channel being read is less than 2 frames.
Figure 14 - Data Throughput Delay with Input Ch13 Switched to Output Ch0
Frame
Frame N
Frame N+1
Frame N+2
Frame N+3
Frame N+4
Frame N+5
Frame N Data
Frame N+1Data
Frame N+2 Data
Frame N+3 Data
Frame N+4 Data
Frame N+5 Data
Serial Input Data
Serial Output Data
Frame N-2 Data
Frame N-1 Data
Frame N Data
Frame N+1 Data
Frame N+2 Data
Frame N+3 Data
2 Frames + 0
Frame
Frame N
Frame N+1
Frame N+2
Frame N+3
Frame N+4
Frame N+5
Frame N Data
Frame N+1Data
Frame N+2 Data
Frame N+3 Data
Frame N+4 Data
Frame N+5 Data
Serial Input Data
Serial Output Data
Frame N-2 Data
Frame N-1 Data
Frame N Data
Frame N+1 Data
Frame N+2 Data
Frame N+3 Data
2 Frames + (n - m)
Frame
Frame N
Frame N+1
Frame N+2
Frame N+3
Frame N+4
Frame N+5
Frame N Data
Frame N+1Data
Frame N+2 Data
Frame N+3 Data
Frame N+4 Data
Frame N+5 Data
Serial Input Data
Serial Output Data
Frame N-2 Data
Frame N-1 Data
Frame N Data
Frame N+1 Data
Frame N+2 Data
Frame N+3 Data
2 Frames + (n - m)


Similar Part No. - ZL50062GAC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAC ZARLINK-ZL50060GAC Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAG2 ZARLINK-ZL50060GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG ZARLINK-ZL50061GAG Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG2 ZARLINK-ZL50061GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50062GAC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com