Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50062GAC Datasheet(PDF) 23 Page - Zarlink Semiconductor Inc

Part # ZL50062GAC
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50062GAC Datasheet(HTML) 23 Page - Zarlink Semiconductor Inc

Back Button ZL50062GAC Datasheet HTML 19Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 20Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 21Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 22Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 23Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 24Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 25Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL50062GAC Datasheet HTML 27Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
ZL50062/4
Data Sheet
23
Zarlink Semiconductor Inc.
by jitter. There are, however, some cases where data experience more delay than the timing signals. A common
example is when multiple data lines are tied together to form bidirectional buses. The large bus loading may cause
data to be delayed. If this is the case, the optimum sampling point may be 3/4 or 4/4 instead of 1/2. The optimum
sampling point is dependent on the application. The user should optimize the sampling point to achieve the best
jitter tolerance performance.
2.5
Input Clock Jitter Tolerance
Input clock jitter tolerance depends on the data rate. In general, the higher the data rate, the smaller the jitter
tolerance is, because the period of a bit cell is shorter, and the sampling point variation allowance is smaller.
Jitter tolerance can not be accurately represented by just one number. Jitter of the same amplitude but different
frequency spectrum can have different effect on the operation of a device. For example, a device that can tolerate
20ns of jitter of 10kHz frequency may only be able to tolerate 10ns of jitter of 1MHz frequency. Therefore, jitter
tolerance should be represented as a spectrum over frequency. The highest possible jitter frequency is half of the
carrier frequency. In the case of the ZL50062/64, the input clock is 8.192MHz, and the jitter associated with this
clock can have the highest frequency component at 4.096MHz.
For the above reasons, jitter tolerance of the ZL50062/64 has been characterized at 16.384Mbps. The lower data
rates (2.048Mbps, 4.096Mbps, 8.192Mbps) will have the same or better tolerance than that of the 16.384Mbps
operation. Tolerance of jitter of different frequencies are shown in the “AC Electrical Characteristics“ section, table
“Input Clock Jitter Tolerance“ on page 62. The Jitter Tolerance Improvement Circuit was enabled (Control Register,
bit FBDEN set HIGH, and bits FBD_MODE[2:0] set to 111B), and the sampling point was optimized.
3.0
Input and Output Offset Programming
Various registers are used to control the input sampling point (delay) and the output advancement for the Local and
Backplane streams. The following sections explain the details of these offset programming features.
3.1
Input Offsets
Control of the Input Bit Delay allows each input stream to have a different frame boundary with respect to the
master frame pulse, FP8i. Each input stream can be individually delayed by up to 7 3/4 bits with a resolution of 1/4
bit of the bit period.
3.1.1
Input Bit Delay Programming (Backplane and Local Input Streams)
Input Bit Delay Registers LIDR0-31 and BIDR0-31 work in conjunction with the SMPL_MODE bit in the Control
Register to allow users to control input bit fractional delay as well as input bit sample point selection for greater
flexibility when designing switch matrices for high speed operation.
When SMPL_MODE = LOW (input bit fractional delay mode), bits LID[4:0] and BID[4:0] in the LIDR0-31 and
BIDR0-31 registers respectively define the input bit fractional delay of the corresponding local and backplane
stream. The total delay can be up to 7 3/4 bits with a resolution of 1/4 bit at the selected data rate. When
SMPL_MODE = HIGH (sampling point select mode), bits LID[1:0] and BID[1:0] define the input bit sampling point of
the stream. The sampling point can be programmed at the 3/4, 4/4, 1/4 or 2/4 bit location to allow better tolerance
for input jitter. Bits LID[4:2] and BID[4:2] define the integer input bit delay, with a maximum value of 7 bits at a
resolution of 1 bit.
Refer to Figure 9 and Figure 10 for Input Bit Delay Timing at 16Mbps and 8Mbps data rates, respectively.
Refer to Figure 10 for Input Sampling Point Selection Timing at 8Mbps data rates.


Similar Part No. - ZL50062GAC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAC ZARLINK-ZL50060GAC Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50060GAG2 ZARLINK-ZL50060GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG ZARLINK-ZL50061GAG Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50061GAG2 ZARLINK-ZL50061GAG2 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50062GAC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com