Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part No. ZL50062
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50062 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL50062 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
ZL50062/4
Data Sheet
2
Zarlink Semiconductor Inc.
Automatic selection between ST-BUS and GCI-Bus operation
Non-multiplexed Motorola microprocessor interface
Conforms to the mandatory requirements of the IEEE-1149.1 (JTAG) standard
Memory Built-In-Self-Test (BIST), controlled via microprocessor register
1.8V core supply voltage
3.3V I/O supply voltage
5V tolerant inputs, outputs and I/Os
Applications
Central Office Switches (Class 5)
Media Gateways
Class-independent switches
Access Concentrators
Scalable TDM-Based Architectures
Digital Loop Carriers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn