Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part No. ZL50062
Description  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50062 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL50062 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50062 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003, Zarlink Semiconductor Inc. All Rights Reserved.
Features
16,384-channel x 16,384-channel non-blocking
unidirectional switching.The Backplane and Local
inputs and outputs can be combined to form a
non-blocking switching matrix with 64 input
streams and 64 output streams
8,192-channel x 8,192-channel non-blocking
Backplane input to Local output stream switch
8,192-channel x 8,192-channel non-blocking
Local input to Backplane output stream switch
8,192-channel x 8,192-channel non-blocking
Backplane input to Backplane output switch
8,192-channel x 8,192-channel non-blocking
Local input to Local output stream switch
Backplane port accepts 32 input and 32 output
ST-BUS streams with fixed data rates of
2.048Mbps, 4.096Mbps, 8.192Mbps or
16.384Mbps
Local port accepts 32 input and 32 output ST-
BUS streams with fixed data rates of 2.048Mbps,
4.096Mbps, 8.192Mbps or 16.384Mbps
Exceptional input clock jitter tolerance (17ns)
Per-stream bit delay for Local and Backplane
input streams
Per-stream advancement for Local and Backplane
output streams
Constant 2-frame throughput delay for frame
integrity
Per-channel high impedance output control for
Local and Backplane streams
Per-channel driven-high output control for Local
and Backplane streams
Per-channel message mode for Local and
Backplane output streams
Connection memory block programming for fast
device initialization
November 2003
Ordering Information
ZL50062GAC
256-Ball PBGA
ZL50064QCC
256-Pin LQFP
-40
°C to +85°C
ZL50062/4
16K-Channel Digital Switch with High Jitter
Tolerance, Single Rate (2, 4, 8,
or 16Mbps), and 64 Inputs and 64 Outputs
Data Sheet
Figure 1 - ZL50062/4 Functional Block Diagram
Backplane Data Memories
(8,192 channels)
DS CS R/W
A14-0
DTA
D15-0
Test Port
Microprocessor Interface
and Internal Registers
VSS (GND)
VDD_CORE
TDi TDo TCK TRST
TMS
LSTo0-31
(8,192 locations)
RESET
Local
Interface
Connection Memory
BSTi0-31
Input
Timing Unit
FP8i
PLL
LSTi0-31
Interface
Backplane
BSTo0-31
Local
C8i
VDD_IO
ODE
C8o
C16o
FP8o
FP16o
VDD_PLL
Output
Timing
Unit
(8,192 locations)
Connection Memory
Backplane
Interface
Local
Local Data Memories
(8,192 channels)
BORS
LORS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn