Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2891B Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U2891B
Description  2.5 GHz Quadrature Up-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2891B Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U2891B Datasheet HTML 1Page - TEMIC Semiconductors U2891B Datasheet HTML 2Page - TEMIC Semiconductors U2891B Datasheet HTML 3Page - TEMIC Semiconductors U2891B Datasheet HTML 4Page - TEMIC Semiconductors U2891B Datasheet HTML 5Page - TEMIC Semiconductors U2891B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TELEFUNKEN Semiconductors
U2891B
Advanced Information
Rev. A2: 04.10.1995
5 (6)
Ordering Information
Extended Type Number
Package
Remarks
U2891B-AFS
SSO24
Rail, MOQ 690 pcs.
U2891B-AFSG3
SSO24
Tape & reel, MOQ 4000 pcs.
Dimensions in mm
Package: SSO-24
95 9943


Similar Part No. - U2891B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2893B TEMIC-U2893B Datasheet
294Kb / 14P
   Modulation PLL for GSM, DCS and PCS Systems
U2894B TEMIC-U2894B Datasheet
802Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
U2894B-AFSG3 TEMIC-U2894B-AFSG3 Datasheet
802Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
logo
List of Unclassifed Man...
U2895B ETC-U2895B Datasheet
803Kb / 16P
   Modulation PLL for GSM, DCS and PCS Systems
logo
TEMIC Semiconductors
U2896B TEMIC-U2896B Datasheet
581Kb / 13P
   Modulation PLL for GSM, DCS and PCS Systems
More results

Similar Description - U2891B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
TRF1122 TI-TRF1122_07 Datasheet
343Kb / 10P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com