Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SA58632 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. SA58632
Description  2 x 2.2 W BTL audio amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SA58632 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SA58632_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 June 2006
2 of 26
Philips Semiconductors
SA58632
2
× 2.2 W BTL audio amplifier
4.
Quick reference data
[1]
With a load connected at the outputs the quiescent current will increase, the maximum of this increase
being equal to the DC output offset voltage divided by RL.
[2]
Supply voltage ripple rejection is measured at the output with a source impedance of Rs =0 Ω at the input.
The ripple voltage is a sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS), which is
applied to the positive supply rail.
[3]
Supply voltage ripple rejection is measured at the output, with a source impedance of Rs =0 Ω at the input.
The ripple voltage is a sine wave with a frequency between 100 Hz and 20 kHz and an amplitude of
100 mV (RMS), which is applied to the positive supply rail.
5.
Ordering information
Table 1.
Quick reference data
VCC =6V; Tamb =25 °C; RL =8 Ω;VMODE = 0 V; measured in test circuit Figure 3; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating
2.2
9
18
V
Iq
quiescent current
RL = ∞Ω
[1] -15
22
mA
Istb
standby current
VMODE =VCC
--10
µA
Po
output power
THD+N = 10 %
1.2
1.5
-
W
THD+N = 0.5 %
0.9
1.1
-
W
THD+N = 10 %;
VCC =9V
-
2.2
-
W
THD+N
total harmonic
distortion-plus-noise
Po = 0.5 W
-
0.15
0.3
%
PSRR
power supply rejection ratio
[2] 50
-
-
dB
[3] 40
-
-
dB
Table 2.
Ordering information
Type number Package
Name
Description
Version
SA58632BS
HVQFN20
plastic thermal enhanced very thin quad flat package;
no leads; 20 terminals; body 6
× 5 × 0.85 mm
SOT910-1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn