Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58631TK Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA58631TK
Description  3 W BTL audio amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58631TK Datasheet(HTML) 1 Page - NXP Semiconductors

  SA58631TK Datasheet HTML 1Page - NXP Semiconductors SA58631TK Datasheet HTML 2Page - NXP Semiconductors SA58631TK Datasheet HTML 3Page - NXP Semiconductors SA58631TK Datasheet HTML 4Page - NXP Semiconductors SA58631TK Datasheet HTML 5Page - NXP Semiconductors SA58631TK Datasheet HTML 6Page - NXP Semiconductors SA58631TK Datasheet HTML 7Page - NXP Semiconductors SA58631TK Datasheet HTML 8Page - NXP Semiconductors SA58631TK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The SA58631 is a one channel audio amplifier in a HVSON8 package. It provides power
output of 3 W with a 8
Ω load at 9 V supply. The internal circuit is comprised of a BTL
(Bridge Tied Load) amplifier with a complementary PNP-NPN output stage and
standby/mute logic. The SA58631 is housed in an 8-pin HVSON package which has an
exposed die attach paddle enabling reduced thermal resistance and increased power
dissipation.
2.
Features
Low junction-to-ambient thermal resistance using exposed die attach paddle
Gain can be fixed with external resistors from 6 dB to 30 dB
Standby mode controlled by CMOS compatible levels
Low standby current <10 µA
No switch-on/switch-off plops
High power supply ripple rejection 50 dB minimum
ElectroStatic Discharge (ESD) protection
Output short circuit to ground protection
Thermal shutdown protection
3.
Applications
Professional and amateur mobile radio
Portable consumer products: toys and games
Personal computer remote speakers
SA58631
3 W BTL audio amplifier
Rev. 01 — 1 December 2005
Preliminary data sheet


Similar Part No. - SA58631TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631TK NXP-SA58631TK Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
More results

Similar Description - SA58631TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com