Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJD06N03 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part No. PJD06N03
Description  25V N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD06N03 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJD06N03 Datasheet HTML 1Page - Pan Jit International Inc. PJD06N03 Datasheet HTML 2Page - Pan Jit International Inc. PJD06N03 Datasheet HTML 3Page - Pan Jit International Inc. PJD06N03 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-JUL.19.2006
PJD06N03
Fig.6 - Gate Charge Waveform
Fig.8 - Threshold Voltage vs Temperature
Fig.7 - Gate Charge
Fig.9 - Breakdown Voltage vs Junction Temperature
Fig.10 - Source-Drain Diode Forward Voltage
Qgd
Qgs
Qg
Qsw
Vgs(th)
Vgs
Qg
Qg(th)
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
V =0V
GS
T =125 C
J
O
T =25 C
J
O
T =-55 C
J
O
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ - Junction Tem perature (
oC)
I =250uA
D
25
26
27
28
29
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (
oC)
I =250uA
D
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
Qg - GateCharge(nC)
V =15V
I =15A
DS
D
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
LEGALSTATEMENT


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PJD09N0325V N-Channel Enhancement Mode MOSFET 1 2 3 4 Pan Jit International Inc.
PJD03N0325V N-Channel Enhancement Mode MOSFET 1 2 3 4 Pan Jit International Inc.
PJP75N7575V N-Channel Enhancement Mode MOSFET 1 2 3 4 Pan Jit International Inc.
PJD15N06L60V N-Channel Enhancement Mode MOSFET 1 2 3 4 Pan Jit International Inc.
P75N02LDN-Channel Logic Level Enhancement Mode Field Effect Transistor 1 2 3 List of Unclassifed Manufacturers
ZXMP6A17DN8DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
SI6862DQDual N-Channel 20-V D-S MOSFET with Current Sense 1 2 3 4 5 MoreVishay Siliconix
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
NTTD4401FFETKY Power MOSFET and Schottky Diode 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn