Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLAST9431 Datasheet(PDF) 9 Page - ON Semiconductor

Part No. NLAST9431
Description  Low Voltage Single Supply Dual DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST9431 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAST9431 Datasheet HTML 3Page - ON Semiconductor NLAST9431 Datasheet HTML 4Page - ON Semiconductor NLAST9431 Datasheet HTML 5Page - ON Semiconductor NLAST9431 Datasheet HTML 6Page - ON Semiconductor NLAST9431 Datasheet HTML 7Page - ON Semiconductor NLAST9431 Datasheet HTML 8Page - ON Semiconductor NLAST9431 Datasheet HTML 9Page - ON Semiconductor NLAST9431 Datasheet HTML 10Page - ON Semiconductor NLAST9431 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NLAST9431
http://onsemi.com
9
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
°C
−55
°C
85
°C
125
°C
85
°C
−55
°C
125
°C
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
25
°C
−55
°C
85
°C
25
°C
125
°C
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
2.0
1.0
3.0
4.0
5.0
6.0
Temperature (
°C)
Figure 16. ICC vs. Temp, VCC = 3 V and 5 V
80
100
60
40
20
0
Figure 17. RON vs. VCC, Temp = 255C
VIS (VDC)
Figure 18. RON vs Temp, VCC = 2.0 V
Figure 19. RON vs. Temp, VCC = 2.5 V
VIS (VDC)
Figure 20. RON vs. Temp, VCC = 3.0 V
VIS (VDC)
−40
60
80
20
0
100
−20
120
VCC = 2.0 V
VCC = 2.5 V
VCC = 3.0 V
VCC = 4.0 V
VCC = 5.5 V
VCC = 3.0 V
VCC = 5.0 V
10
1
0.1
100
0.01
0.001
0.0001
0.00001
Figure 21. RON vs. Temp, VCC = 4.5 V
VIS (VDC)
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIS (VDC)
25
°C
−55
°C
125
°C
85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn