Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74SSTU32864C Datasheet(PDF) 14 Page - Texas Instruments

Part # SN74SSTU32864C
Description  25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL 18 INPUTS AND OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTU32864C Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74SSTU32864C Datasheet HTML 10Page - Texas Instruments SN74SSTU32864C Datasheet HTML 11Page - Texas Instruments SN74SSTU32864C Datasheet HTML 12Page - Texas Instruments SN74SSTU32864C Datasheet HTML 13Page - Texas Instruments SN74SSTU32864C Datasheet HTML 14Page - Texas Instruments SN74SSTU32864C Datasheet HTML 15Page - Texas Instruments SN74SSTU32864C Datasheet HTML 16Page - Texas Instruments SN74SSTU32864C Datasheet HTML 17Page - Texas Instruments SN74SSTU32864C Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics:
PRR
≤ 10 MHz, ZO = 50 Ω, input slew rate = 1 V/ns ± 20% (unless otherwise specified).
VOH
VOL
Output
20%
VOLTAGE WAVEFORMS
HIGH-TO-LOW SLEW-RATE MEASUREMENT
LOAD CIRCUIT
HIGH-TO-LOW SLEW-RATE MEASUREMENT
VCC
CL = 5 pF
(see Note A)
Test Point
DUT
Out
RL = 50 Ω
80%
dt_f
dV_f
VOH
VOL
Output
20%
VOLTAGE WAVEFORMS
LOW-TO-HIGH SLEW-RATE MEASUREMENT
80%
dt_r
dV_r
LOAD CIRCUIT
LOW-TO-HIGH SLEW-RATE MEASUREMENT
CL = 5 pF
(see Note A)
Test Point
DUT
Out
RL = 50 Ω
SN74SSTU32864C
25-BIT CONFIGURABLE REGISTERED BUFFER
WITH SSTL_18 INPUTS AND OUTPUTS
SCES542A – JANUARY 2004 – REVISED FEBRUARY 2005
Figure 2. Output Slew-Rate Measurement Information
14


Similar Part No. - SN74SSTU32864C

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
SN74SSTU32864 TI-SN74SSTU32864 Datasheet
389Kb / 14P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864D TI-SN74SSTU32864D Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864DGKER TI-SN74SSTU32864DGKER Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864DZKER TI-SN74SSTU32864DZKER Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864GKER TI-SN74SSTU32864GKER Datasheet
389Kb / 14P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
More results

Similar Description - SN74SSTU32864C

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
SN74SSTU32864 TI-SN74SSTU32864 Datasheet
389Kb / 14P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864 TI-SN74SSTU32864_V01 Datasheet
567Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864D TI-SN74SSTU32864D Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com