Electronic Components Datasheet Search |
|
OPA2690I-14DR Datasheet(PDF) 4 Page - Burr-Brown (TI) |
|
|
OPA2690I-14DR Datasheet(HTML) 4 Page - Burr-Brown (TI) |
4 / 30 page OPA2690 SBOS238D − JUNE 2002 − REVISED DECEMBER 2004 www.ti.com 4 ELECTRICAL CHARACTERISTICS: VS = ±5V (continued) Boldface limits are tested at +25 °C. At RF = 402Ω, RL = 100Ω, and G = +2 (see Figure 1 for AC performance only), unless otherwise noted. OPA2690ID, I-14D MIN/MAX OVER TEMPERATURE TYP PARAMETER TEST LEVEL(3) MIN/ MAX UNITS −40 °C to +85 °C(2) 0 °C to 70 °C(2) +25 °C(1) +25 °C CONDITIONS DISABLE (SO-14 Only) Disabled LOW Power-Down Supply Current (+VS) VDIS = 0, Both Channels −200 −400 −480 −520 µA max A Disable Time VIN = 1VDC 200 ns typ C Enable Time VIN = 1VDC 25 ns typ C Off Isolation G = +2, RL = 150Ω, VIN = 0 70 dB typ C Output Capacitance in Disable G = +2, RL = 150Ω, VIN = 0 4 pF typ C Turn-On Glitch ±50 mV typ C Turn-Off Glitch ±20 mV typ C Enable Voltage 3.3 3.5 3.6 3.7 V min A Disable Voltage 1.8 1.7 1.6 1.5 V max A Control Pin Input Bias Current (VDIS) VDIS = 0, Each Channel 75 130 150 160 µA max A POWER SUPPLY Specified Operating Voltage ±5 V typ C Maximum Operating Voltage Range ±6.0 ±6.0 ±6.0 V max A Maximum Quiescent Current (2 Channels) VS = ±5V 11 11.6 12.4 13.2 mA max A Minimum Quiescent Current (2 Channels) VS = ±5V 11 10.6 9.2 8.6 mA min A Power-Supply Rejection Ratio (+PSRR) Input-Referred 75 68 66 64 dB min A THERMAL CHARACTERISTICS Specified Operating Range: D, 14D −40 to +85 °C typ C Thermal Resistance, qJA Junction-to-Ambient D SO-8 125 °C/W typ C 14D SO-14 100 °C/W typ C (1) Junction temperature = ambient for +25 °C specifications. (2) Junction temperature = ambient at low temperature limits; junction temperature = ambient +15 °C at high temperature limit for over temperature specifications. (3) Test levels: (A) 100% tested at +25 °C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only for information. (4) Current is considered positive out-of-node. VCM is the input common-mode voltage. (5) Tested < 3dB below minimum specified CMRR at ± CMIR limits. |
Similar Part No. - OPA2690I-14DR |
|
Similar Description - OPA2690I-14DR |