Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2690I-14D Datasheet(PDF) 18 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2690I-14D
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2690I-14D Datasheet(HTML) 18 Page - Burr-Brown (TI)

Back Button OPA2690I-14D Datasheet HTML 14Page - Burr-Brown (TI) OPA2690I-14D Datasheet HTML 15Page - Burr-Brown (TI) OPA2690I-14D Datasheet HTML 16Page - Burr-Brown (TI) OPA2690I-14D Datasheet HTML 17Page - Burr-Brown (TI) OPA2690I-14D Datasheet HTML 18Page - Burr-Brown (TI) OPA2690I-14D Datasheet HTML 19Page - Burr-Brown (TI) OPA2690I-14D Datasheet HTML 20Page - Burr-Brown (TI) OPA2690I-14D Datasheet HTML 21Page - Burr-Brown (TI) OPA2690I-14D Datasheet HTML 22Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
18
The frequency response for a 10MHz Butterworth filter is
shown in Figure 10. One advantage for using this type of
filter is the independent setting of WO and Q. Q can be
easily adjusted by changing the R3A, B resistors without
affecting WO.
Frequency (MHz)
0.1
1
10
20
1
0
−1
−2
−3
−4
−5
−6
−7
−8
−9
Figure 10. Multiple Feedback Filter Frequency
Response
SINGLE-SUPPLY DIFFERENTIAL ADC
DRIVER
The single-supply differential ADC driver shown on the
front page is ideal for driving high-frequency ADCs. As
shown in the plot on the front page, Harmonic Distortion vs
Frequency for the Single-Supply Differential ADC Driver,
the 2nd-harmonic reacts as expected and drops to a
−95dBc at 1MHz and −87dBc at 5MHz—a significant
improvement in going to differential from single-ended.
The circuit shown on the front page has a 195MHz, −3dB
bandwidth that can be easily bandlimited by using a
capacitor in parallel with the feedback resistors. Refer to
Figure 11 for more details. The −3dB frequency is given by
Equation 5.
f*3dB +
1
2
pR
FCF
Frequency (MHz)
9
6
3
0
−3
−6
−9
−12
0.1
10
1500
100
C
F =8.6pF
Figure 11. Single-Supply Differential ADC Driver
For example, CF = 8.6pF in parallel with RF = 402Ω will
control the −3dB frequency to 18MHz.
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
Several PC boards are available to assist in the initial
evaluation of circuit performance using the OPA2690 in its
two package styles. Both of these are available, free, as
unpopulated PC boards delivered with descriptive
documentation. The summary information for each board
is shown below:
PRODUCT
PACKAGE
BOARD PART
NUMBER
LITERATURE
REQUEST
NUMBER
OPA2690ID
SO-8
DEM-OPA268xU
SBOU003
OPA2690IDBV
SO-14
DEM-OPA268xN
SBOU002
Consult the Texas Instruments web site (www.ti.com) to
request either of these boards.
(5)


Similar Part No. - OPA2690I-14D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2690I-14D TI1-OPA2690I-14D Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
OPA2690I-14DR TI1-OPA2690I-14DR Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
OPA2690I-14DRG4 TI1-OPA2690I-14DRG4 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
More results

Similar Description - OPA2690I-14D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com