Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BLW34 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BLW34
Description  UHF linear power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BLW34 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
August 1986
6
Philips Semiconductors
Product specification
UHF linear power transistor
BLW34
Fig.5 Typical values; Tj =25 °C.
handbook, halfpage
01
2
3
75
50
0
hFE
MGP457
IC (A)
25
VCE = 25 V
5 V
Fig.6 IE =Ie = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
020
40
60
0
Cc
(pF)
MGP458
VCB (V)
20
40
typ
Fig.7 VCB = 25 V; f = 500 MHz; Tj =25 °C
handbook, full pagewidth
3
4
fT
(GHz)
1
0
−IE (A)
MGP459
2
3
2
1
typ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BLV861UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
PTB20189UHF TV Linear Power Transistor Cellular Radio RF Power Transistor 1 2 3 Ericsson
BLV862UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLW32UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLW33UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLW898UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLW98UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors
TP3024BUHF LINEAR POWER TRANSISTOR 1 2 Motorola, Inc
TPV596AUHF LINEAR POWER TRANSISTOR 1 2 3 4 Motorola, Inc
BLV57UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn