Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2690IDR Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2690IDR
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2690IDR Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA2690IDR Datasheet HTML 1Page - Burr-Brown (TI) OPA2690IDR Datasheet HTML 2Page - Burr-Brown (TI) OPA2690IDR Datasheet HTML 3Page - Burr-Brown (TI) OPA2690IDR Datasheet HTML 4Page - Burr-Brown (TI) OPA2690IDR Datasheet HTML 5Page - Burr-Brown (TI) OPA2690IDR Datasheet HTML 6Page - Burr-Brown (TI) OPA2690IDR Datasheet HTML 7Page - Burr-Brown (TI) OPA2690IDR Datasheet HTML 8Page - Burr-Brown (TI) OPA2690IDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits are tested at +25
°C.
At RF = 402Ω, RL = 100Ω to VS/2, and G = +2 (see Figure 2 for AC performance only), unless otherwise noted.
OPA2690ID, I-14D
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
0
°C to
70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC PERFORMANCE (see Figure 2)
Small-Signal Bandwidth
G = +1, VO < 0.5VPP, RF = ±25Ω
400
MHz
typ
C
G = +2, VO < 0.5VPP
190
150
145
140
MHz
min
B
G = +10, VO < 0.5VPP
25
18
17
16
MHz
min
B
Gain-Bandwidth Product
G
≥ 10
250
180
170
160
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5VPP
20
MHz
typ
C
Peaking at a Gain of +1
VO < 0.5VPP
5
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
220
MHz
typ
C
Slew Rate
G = +2, 2V Step
1000
700
670
550
V/
µs
min
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
1.6
ns
typ
C
G = +2, VO = 2V Step
2.0
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
12
ns
typ
C
Settling Time to 0.1%
G = +2, VO = 2V Step
8
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2VPP
2nd-Harmonic
RL = 100Ω to VS/2
−65
−60
−59
−56
dBc
max
B
RL ≥ 500Ω to VS/2
−75
−70
−68
−66
dBc
max
B
3rd-Harmonic
RL = 100Ω to VS/2
−68
−64
−62
−60
dBc
max
B
RL ≥ 500Ω to VS/2
−77
−73
−71
−70
dBc
max
B
Input Voltage Noise
f > 1MHz
5.6
nV/
√Hz
typ
C
Input Current Noise
f > 1MHz
3.2
pA/
√Hz
typ
C
Differential Gain
G = +2, NTSC, VO = 1.4VP, RL = 150 to VS/2
0.06
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4VP, RL = 150 to VS/2
0.02
deg
typ
C
DC PERFORMANCE(4)
Open-Loop Voltage Gain
VO = 2.5V, RL = 100Ω to VS/2
63
56
54
52
dB
min
A
Input Offset Voltage
VCM = 2.5V
±1.0
±4.5
±4.8
±5.2
mV
max
A
Average Offset Voltage Drift
VCM = 2.5V
±10
±10
µV/°C
max
B
Input Bias Current
VCM = 2.5V
+5
±11
±12
±13
µA
max
A
Average Bias Current Drift (magnitude)
VCM = 2.5V
±20
±40
nA/
°C
max
B
Input Offset Current
VCM = 2.5V
±0.3
±1.0
±1.4
±1.6
µA
max
A
Average Offset Current Drift
VCM = 2.5V
±7
±9
nA/
°C
max
B
INPUT
Least Positive Input Voltage(5)
1.5
1.6
1.7
1.8
V
max
A
Most Positive Input Voltage(5)
3.5
3.4
3.3
3.2
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 2.5V ± 0.5V
63
58
56
54
dB
min
A
Input Impedance
Differential Mode
VCM = 2.5V
92
 1.4
k
Ω pF
typ
C
Common-Mode
VCM = 2.5V
2.2
 1.5
M
Ω pF
typ
C
OUTPUT
Most Positive Output Voltage
No Load
4
3.8
3.6
3.5
V
min
A
RL = 100Ω to 2.5V
3.9
3.7
3.5
3.4
V
min
A
Least Positive Output Voltage
No Load
1
1.2
1.4
1.5
V
max
A
RL = 100Ω to 2.5V
1.1
1.3
1.5
1.7
V
max
A
Current Output, Sourcing
+160
+120
+100
+80
mA
min
A
Current Output, Sinking
−160
−120
−100
−80
mA
min
A
Short-Circuit Current
±250
mA
typ
C
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.04
typ
C
(1)
Junction temperature = ambient for +25
°C specifications.
(2)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +15
°C at high temperature limit for over temperature specifications.
(3)
Test levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only
for information.
(4)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
(5)
Tested < 3dB below minimum specified CMRR at
± CMIR limits.


Similar Part No. - OPA2690IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2690IDR TI1-OPA2690IDR Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
OPA2690IDRG4 TI1-OPA2690IDRG4 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
More results

Similar Description - OPA2690IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com