Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PDM41028 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. PDM41028
Description  1 Megabit Static RAM 256K x 4-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PDM41028 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PDM41028
4
Rev. 2.2 - 4/29/98
Capacitance(1) (T
A = +25°C, f = 1.0 MHz)
NOTE:1. This parameter is determined by device characterization but is not production tested.
AC Test Conditions
Symbol
Parameter
Max.
Unit
CIN
Input Capacitance
8
pF
COUT
Output Capacitance
8
pF
Input pulse levels
VSS to 3.0V
Input rise and fall times
3 ns
Input timing reference levels
1.5V
Output reference levels
1.5V
Output load
See Figures 1 and 2
Figure 1. Output Load Equivalent
Figure 2. Output Load Equivalent
(for tLZCE, tHZCE, tLZWE, tHZWE, tLZOE,
tHZOE)
+5V
480
255
DOUT
5 pf
+5V
480
255
DOUT
30 pF
Figure 4.
5
4
3
2
1
0
0
30
60
90
120
Typical Delta tAA vs Capacitive Loading
Additional Lumped Capacitive Loading (pF)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IS61SF25616256K x 16 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS41LV32256256K x 32 8-Mbit EDO DYNAMIC RAM 3.3V 100/83/66 MHz 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61SP646464K x 64 SYNCHRONOUS PIPELINE STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
TC5517CP-152.048 WORD X 8 BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
CY7C00616K x 8/9 Dual-Port Static RAM with Sem Int Busy 1 2 3 4 5 MoreCypress Semiconductor
IS41C16128128K x 16 2-MBIT DYNAMIC RAM WITH EDO PAGE MODE 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn