Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLAS9431 Datasheet(PDF) 10 Page - ON Semiconductor

Part No. NLAS9431
Description  Low Voltage Single Supply Dual DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NLAS9431 Datasheet(HTML) 10 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NLAS9431
http://onsemi.com
10
Figure 22. RON vs. Temp, VCC = 5.0 V
Figure 23. RON vs. Temp, VCC = 5.5 V
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.0
4.5
5.0
25
°C
85
°C
125
°C
−55
°C
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0 3.5 4.0 4.5
5.0 5.5
25
°C
85
°C
125
°C
−55
°C
DEVICE ORDERING INFORMATION
Device
Device Nomenclature
Package Type
Shipping
Circuit
Indicator
Technology
Device
Function
Package
Suffix
Tape & Reel
Suffix
NLAS9431MTR2G
NL
AS
9431
MT
R2
WQFN16
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn