Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLAS9431 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NLAS9431
Description  Low Voltage Single Supply Dual DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS9431 Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS9431 Datasheet HTML 1Page - ON Semiconductor NLAS9431 Datasheet HTML 2Page - ON Semiconductor NLAS9431 Datasheet HTML 3Page - ON Semiconductor NLAS9431 Datasheet HTML 4Page - ON Semiconductor NLAS9431 Datasheet HTML 5Page - ON Semiconductor NLAS9431 Datasheet HTML 6Page - ON Semiconductor NLAS9431 Datasheet HTML 7Page - ON Semiconductor NLAS9431 Datasheet HTML 8Page - ON Semiconductor NLAS9431 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NLAS9431
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
VCC
(V)
VIS
(V)
Guaranteed Maximum Limit
Unit
*555C to 255C
t855C
t1255C
Min
Typ*
Max
Min
Max
Min
Max
tON
Turn−On Time
(Figures 12 and 13)
RL = 300 W, CL = 35 pF
(Figures 5 and 6)
2.5
3.0
4.5
5.5
2.0
2.0
3.0
3.0
5
5
2
2
23
16
11
9
35
24
16
14
5
5
2
2
38
27
19
17
5
5
2
2
41
30
22
20
ns
tOFF
Turn−Off Time
(Figures 12 and 13)
RL = 300 W, CL = 35 pF
(Figures 5 and 6)
2.5
3.0
4.5
5.5
2.0
2.0
3.0
3.0
1
1
1
1
7
5
4
3
12
10
6
5
1
1
1
1
15
13
9
8
1
1
1
1
18
16
12
11
ns
tBBM
Minimum Break−Before−Make
Time
RL = 300 W, CL = 35 pF
(Figure 4)
2.5
3.0
4.5
5.5
2.0
2.0
3.0
3.0
1
1
1
1
12
11
6
5
1
1
1
1
1
1
1
1
ns
Typical @ 25, VCC = 5.0 V
pF
CIN
CNO or CNC
CCOM
C(ON)
Maximum Input Capacitance, Select Input
Analog I/O (switch off)
Common I/O (switch off)
Feedthrough (switch on)
8
10
10
20
*Typical Characteristics are at 25
°C.
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
Symbol
Parameter
Condition
VCC
V
Typical
Unit
25
5C
BW
Maximum On−Channel −3dB
Bandwidth or Minimum Frequency
Response (Figure 11)
VIS = 0 dBm
VIS centered between VCC and GND
(Figure 7)
3.0
4.5
5.5
145
170
175
MHz
VONL
Maximum Feedthrough On Loss
VIS = 0 dBm @ 100 kHz to 50 MHz
VIS centered between VCC and GND
(Figure 7)
3.0
4.5
5.5
−3
−3
−3
dB
VISO
Off−Channel Isolation (Figure 10)
f = 100 kHz; VIS = 1 V RMS
VIS centered between VCC and GND
(Figure 7)
3.0
4.5
5.5
−93
−93
−93
dB
Q
Charge Injection Select Input to
Common I/O (Figure 15)
VIS = VCC to GND, FIN = 20 kHz
tr = tf = 3 ns
RIS = 0 W, CL = 1000 pF
Q = CL * DVOUT
(Figure 8)
3.0
5.5
1.5
3.0
pC
THD
Total Harmonic Distortion THD +
Noise (Figure 14)
FIN = 20 Hz to 100 kHz, RL = Rgen = 600 W, CL = 50 pF
VIS = 5.0 VPP sine wave
5.5
0.1
%
VCT
Channel−to−Channel Crosstalk
f = 100 kHz; VIS = 1 V RMS
VIS centered between VCC and GND
(Figure 7)
5.5
3.0
−90
−90
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn