Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 14 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2690 Datasheet(HTML) 14 Page - Burr-Brown (TI)

Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
14
Again, an additional resistor (50
Ω in this case) is included
directly in series with the noninverting input. This minimum
recommended value provides part of the DC source
resistance matching for the noninverting input bias
current. It is also used to form a simple parasitic pole to roll
off the frequency response at very high frequencies
( > 500MHz) using the input parasitic capacitance. The
gain resistor (RG) is AC-coupled, giving the circuit a DC
gain of +1, which puts the input DC bias voltage (2.5V) on
the output as well. The output voltage can swing to within
1V of either supply pin while delivering > 100mA output
current. A demanding 100
Ω load to a midpoint bias is used
in this characterization circuit. The new output stage circuit
used in the OPA2690 can deliver large bipolar output
currents into this midpoint load with minimal crossover
distortion, as shown in the +5V supply harmonic distortion
plots.
SINGLE-SUPPLY ADC INTERFACE
Most modern, high-performance ADCs (such as the TI
ADS8xx and ADS9xx series) operate on a single +5V (or
lower) power supply. It has been a considerable challenge
for single-supply op amps to deliver a low distortion input
signal at the ADC input for signal frequencies exceeding
5MHz. The high slew rate, exceptional output swing, and
high linearity of the OPA2690 make it an ideal
single-supply ADC driver. The circuit on the front page
shows one possible interface paricularly suited to
differential I/O, AC-coupled requirements. Figure 4 shows
the test circuit of Figure 2 modified for a capacitive (ADC)
load and with an optional output pull-down resistor (RB).
This circuit would be suitable to dual-channel ADC driving
with a single-ended I/O.
The OPA2690 in the circuit of Figure 4 provides > 200MHz
bandwidth for a 2VPP output swing. Minimal 3rd-harmonic
distortion or 2-tone, 3rd-order intermodulation distortion
will be observed due to the very low crossover distortion
in the OPA2690 output stage. The limit of output
Spurious-Free Dynamic Range (SFDR) will be set by the
2nd-harmonic distortion. Without RB, the circuit of Figure 4
measured at 10MHz shows an SFDR of 57dBc. This can
be improved by pulling additional DC bias current (IB) out
of the output stage through the optional RB resistor to
ground (the output midpoint is at 2.5V for Figure 4).
Adjusting IB gives the improvement in SFDR shown in
Figure 3. SFDR improvement is achieved for IB values up
to 5mA, with worse performance for higher values. Using
the dual OPA2690 in an I/Q receiver channel will give
matched AC performance through high frequencies.
70
68
66
64
62
60
58
56
54
52
50
Output Pull−Down Current (mA)
0
1
2
3
4
5
67
89
10
VO =2VPP, 10MHz
Figure 3. SFDR versus IB
1/2
O P A 269 0
402
50
402
59
1V
PP
698
698
V
I
+5V
0.1
µF
R
S
30
I
B
R
B
50pF
0.1
µF
2.5V DC
±1V AC
ADC Input
Power−supply decoupling not shown.
Figure 4. SFDR versus IB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn