Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2690 Datasheet(HTML) 12 Page - Burr-Brown (TI)

Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
12
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 2 for AC performance only), unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
Resistance (
Ω )
100
1000
−60
−65
−70
−75
−80
3rd−Harmonic
V
O =2VPP
f= 5MHz
2nd−Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
3
−60
−65
−70
−75
−80
3rd−Harmonic
2nd−Harmonic
R
L =100Ω to 2.5V
f= 5MHz
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
−40
−50
−60
−70
−80
−90
−100
V
O =2VPP
R
L =100Ω to 2.5V
2nd−Harmonic
3rd−Harmonic
2−TONE, 3RD−ORDER
INTERMODULATION SPURIOUS
Single−Tone Load Power (dBm)
−14
−12
−10
−8
−6
−4
−20
2
−30
−35
−40
−45
−50
−55
−60
−65
−70
−75
20MHz
10MHz
50MHz
Load Power at Matched 50
ΩLoad, see Figure 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn