Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2690 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
11
TYPICAL CHARACTERISTICS: VS = +5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 2 for AC performance only), unless otherwise noted.
SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
0.7 1
10
700
100
6
3
0
−3
−6
−9
G= +1
R
F =25Ω
G= +2
G= +5
G= +10
V
O =0.5VPP
SMALL−SIGNAL PULSE RESPONSE
Time (5ns/div)
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
G= +2
V
O =0.5VPP
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
50
45
40
35
30
25
20
15
10
5
0
LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
500
100
9
6
3
0
−3
−6
V
O =2VPP
V
O =3VPP
V
O =1VPP
LARGE−SIGNAL PULSE RESPONSE
Time (5ns/div)
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
G= +2
V
O =2VPP
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (20MHz/div)
0
100
120
140 160
180
20
40
60
80
200
9
6
3
0
−3
−6
−9
C
L = 22pF
C
L =47pF
C
L = 100pF
C
L = 10pF
402Ω
58Ω
714Ω
0.1
µF
714
714
402Ω
R
S
C
L
V
IN
+5V
V
OUT
+5V
1/2
OPA 2 69 0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn