Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2690 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
10
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 1 for AC performance only), unless otherwise noted.
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
−300
−200
−100
0
100
200
300
5
4
3
2
1
0
−1
−2
−3
−4
−5
Ou tput C urrent Lim it ed
1W In ternal
P ower Limit
One Ch ann el
Only
1W Internal
Pow er L im it
Outp ut C urren t Lim it
100
Ω Load Line
50
Ω Load Line
25
Load Line
COMMON−MODE REJECTION RATIO AND
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (MHz)
10k
1M
100k
10M
100M
100
90
80
70
60
50
40
30
20
10
0
CMRR
+PSRR
−PSRR
CLOSED−LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10k
1M
100k
10M
100M
10
1
0.1
0.01
1/2
OPA2 69 0
402
+5V
−5V
200
402
Z
O
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
_C)
−50
−25
0
25
50
75
100
125
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
20
10
0
−10
−20
Input Offset Current (I
OS)
Input Offset Voltage (VOS)
Input Bias Current (IB)
SUPPLY AND OUTPUT CURRENTS vs TEMPERATURE
Ambient Temperature (
_C)
−50
−25
0
25
50
75
100
125
14
12
10
8
6
4
250
200
150
100
50
0
Sourcing Output Current
Sinking Output Current
Quiescent Supply Current
OPEN−LOOP GAIN AND PHASE
Frequency (MHz)
1k
1M
100k
10k
10M
1G
100M
70
60
50
40
30
20
10
0
−10
−20
0
−30
−60
−90
−120
−150
−180
−210
−240
−270
Open−Loop Gain
Open−Loop Phase


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn