Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2690 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA2690 Datasheet HTML 1Page - Burr-Brown (TI) OPA2690 Datasheet HTML 2Page - Burr-Brown (TI) OPA2690 Datasheet HTML 3Page - Burr-Brown (TI) OPA2690 Datasheet HTML 4Page - Burr-Brown (TI) OPA2690 Datasheet HTML 5Page - Burr-Brown (TI) OPA2690 Datasheet HTML 6Page - Burr-Brown (TI) OPA2690 Datasheet HTML 7Page - Burr-Brown (TI) OPA2690 Datasheet HTML 8Page - Burr-Brown (TI) OPA2690 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FEATURES
D FLEXIBLE SUPPLY RANGE:
+5V to +12V Single Supply
±2.5V to ±6V Dual Supply
D WIDEBAND +5V OPERATION: 220MHz (G = 2)
D HIGH OUTPUT CURRENT: 190mA
D OUTPUT VOLTAGE SWING: ±4.0V
D HIGH SLEW RATE: 1800V/µs
D LOW SUPPLY CURRENT: 5.5mA/ch
D LOW DISABLED CURRENT: 100µA/ch
APPLICATIONS
D VIDEO LINE DRIVING
D xDSL LINE DRIVER/RECEIVER
D HIGH-SPEED IMAGING CHANNELS
D ADC BUFFERS
D PORTABLE INSTRUMENTS
D TRANSIMPEDANCE AMPLIFIERS
D ACTIVE FILTERS
0.1
µF
IN
+5V
10pF
0.1
µF
10pF
499
499
Clock
IN
REFT
REFB
AD S825
10−Bit
40MSP S
1/2
O P A 269 0
+5V
+2.5V
+2.5V
+2.5V
1/2
O P A 269 0
V
IN
1k
1k
499
499
35
35
2k
100
100pF
2k
2.5V
CM
2V
PP
Single-Supply Differential ADC Driver
DESCRIPTION
The OPA2690 represents a major step forward in
unity-gain stable, voltage-feedback op amps. A new
internal architecture provides slew rate and full-power
bandwidth
previously
found
only
in
wideband,
current-feedback
op
amps.
A
new
output
stage
architecture delivers high currents with a minimal
headroom
requirement.
These
give
exceptional
single-supply operation. Using a single +5V supply, the
OPA2690 can deliver a 1V to 4V output swing with over
120mA drive current and 150MHz bandwidth. This
combination of features makes the OPA2690 an ideal
RGB
line
driver
or
single-supply
Analog-to-Digital
Converter (ADC) input driver.
The low 5.5mA/ch supply current of the OPA2690 is
precisely trimmed at +25
°C. This trim, along with low
temperature drift, ensures lower maximum supply current
than competing products. System power may be reduced
further using the optional disable control pin. Leaving this
disable pin open, or holding it HIGH, will operate the
OPA2690I-14D
normally.
If
pulled
LOW,
the
OPA2690I-14D supply current drops to less than
200
µA/ch while the output goes to a high-impedance
state.
OPA2690 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage-Feedback
OPA2690
OPA2680
OPA3690
Current-Feedback
OPA691
OPA2691
OPA3691
Fixed Gain
OPA692
OPA3692
HARMONIC DISTORTION vs FREQUENCY
FOR THE SINGLE−SUPPLY ADC DRIVER
Frequency (MHz)
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
110
20
3rd−Harmonic
2nd−Harmonic
2V
PP Differential Output
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
Dual, Wideband, Voltage-Feedback
OPERATIONAL AMPLIFIER with Disable
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2002−2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn