Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2690 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA2690 Datasheet HTML 5Page - Burr-Brown (TI) OPA2690 Datasheet HTML 6Page - Burr-Brown (TI) OPA2690 Datasheet HTML 7Page - Burr-Brown (TI) OPA2690 Datasheet HTML 8Page - Burr-Brown (TI) OPA2690 Datasheet HTML 9Page - Burr-Brown (TI) OPA2690 Datasheet HTML 10Page - Burr-Brown (TI) OPA2690 Datasheet HTML 11Page - Burr-Brown (TI) OPA2690 Datasheet HTML 12Page - Burr-Brown (TI) OPA2690 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
9
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 1 for AC performance only), unless otherwise noted.
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
100
1M
100k
10k
1k
10M
100
10
1
Voltage Noise 5.5nV/
√Hz
Current Noise 3.1pA/
√Hz
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1000
80
70
60
50
40
30
20
10
0
LARGE−SIGNAL DISABLE/ENABLE RESPONSE
Time (50ns/div)
2.0
1.6
1.2
0.8
0.4
0
6
4
2
0
G= +2
V
IN =+1V
V
DIS
Output Voltage
Each Channel
SO−14
Package
Only
2−TONE, 3RD−ORDER
INTERMODULATION SPURIOUS
Single−Tone Load Power (dBm)
−8
−6
−4
−2
0
24
68
10
−30
−35
−40
−45
−50
−55
−60
−65
−70
−75
20MHz
10MHz
50MHz
Load Power at Matched 50
ΩLoad,
see Figure 1
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (20MHz/div)
0
100
120
140
160
180
20
40
60
80
200
9
6
3
0
−3
−6
−9
402Ω
1kΩ
402 Ω
R
S
C
L
V
IN
V
OU T
1/2
O P A 269 0
1k
Ω is optional.
C
L =22pF
C
L =47pF
C
L =100pF
C
L = 10pF
G= +2
DISABLE FEEDTHROUGH vs FREQUENCY
Frequency (Hz)
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
Forward
Reverse
V
DIS = 0
100k
1M
10M
100M


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn