Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2690 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = ±5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 1 for AC performance only), unless otherwise noted.
SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.7
10
100
700
6
3
0
−3
−6
−9
−12
−15
V
O =0.5VPP
G= +1
R
F =25Ω
G= 2
G= 5
G= 10
SMALL−SIGNAL PULSE RESPONSE
Time (5ns/div)
400
300
200
100
0
−100
−200
−300
−400
G= +2
V
O =0.5VPP
COMPOSITE VIDEO dG/dP
Number of 150
ΩLoads
123
4
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0
dG
dG
dP
dP
No Pull−Down
With 1.3k
ΩPull−Down
1/2
OP A 26 90
402
−5V
+5V
75
Video In
402
Optional
1.3k
Pull−Down
LARGE−SIGNAL FREQUENCY RESPONSE
10
0.5
1
100
500
Frequency (MHz)
9
6
3
0
−3
−6
V
O =4VPP
V
O =7VPP
V
O =2VPP
V
O =1VPP
LARGE−SIGNAL PULSE RESPONSE
Time (5ns/div)
4
3
2
1
0
−1
−2
−3
−4
G= +2
V
O =5VPP
CHANNEL−TO−CHANNEL CROSSTALK
Frequency (MHz)
1
10
100
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
Input Referred


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn