Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2690 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA2690 Datasheet HTML 1Page - Burr-Brown (TI) OPA2690 Datasheet HTML 2Page - Burr-Brown (TI) OPA2690 Datasheet HTML 3Page - Burr-Brown (TI) OPA2690 Datasheet HTML 4Page - Burr-Brown (TI) OPA2690 Datasheet HTML 5Page - Burr-Brown (TI) OPA2690 Datasheet HTML 6Page - Burr-Brown (TI) OPA2690 Datasheet HTML 7Page - Burr-Brown (TI) OPA2690 Datasheet HTML 8Page - Burr-Brown (TI) OPA2690 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are tested at +25
°C.
At RF = 402Ω, RL = 100Ω, and G = +2 (see Figure 1 for AC performance only), unless otherwise noted.
OPA2690ID, I-14D
MIN/MAX OVER TEMPERATURE
TYP
PARAMETER
TEST
LEVEL(3)
MIN/
MAX
UNITS
−40
°C to
+85
°C(2)
0
°C to
70
°C(2)
+25
°C(1)
+25
°C
CONDITIONS
DISABLE (SO-14 Only)
Disabled LOW
Power-Down Supply Current (+VS)
VDIS = 0, Both Channels
−200
−400
−480
−520
µA
max
A
Disable Time
VIN = 1VDC
200
ns
typ
C
Enable Time
VIN = 1VDC
25
ns
typ
C
Off Isolation
G = +2, RL = 150Ω, VIN = 0
70
dB
typ
C
Output Capacitance in Disable
G = +2, RL = 150Ω, VIN = 0
4
pF
typ
C
Turn-On Glitch
±50
mV
typ
C
Turn-Off Glitch
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (VDIS)
VDIS = 0, Each Channel
75
130
150
160
µA
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6.0
±6.0
±6.0
V
max
A
Maximum Quiescent Current (2 Channels)
VS = ±5V
11
11.6
12.4
13.2
mA
max
A
Minimum Quiescent Current (2 Channels)
VS = ±5V
11
10.6
9.2
8.6
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
Input-Referred
75
68
66
64
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Range: D, 14D
−40 to +85
°C
typ
C
Thermal Resistance,
qJA
Junction-to-Ambient
D
SO-8
125
°C/W
typ
C
14D
SO-14
100
°C/W
typ
C
(1)
Junction temperature = ambient for +25
°C specifications.
(2)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +15
°C at high temperature limit for over temperature specifications.
(3)
Test levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only
for information.
(4)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
(5)
Tested < 3dB below minimum specified CMRR at
± CMIR limits.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn