Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2690 Datasheet(PDF) 22 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA2690 Datasheet(HTML) 22 Page - Burr-Brown (TI)

Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
OPA2690
SBOS238D − JUNE 2002 − REVISED DECEMBER 2004
www.ti.com
22
DISTORTION PERFORMANCE
The OPA2690 provides good distortion performance into
a 100
Ω load on ±5V supplies. Relative to alternative
solutions, it provides exceptional performance into lighter
loads and/or operating on a single +5V supply. Generally,
until the fundamental signal reaches very high frequency
or power levels, the 2nd-harmonic dominates the
distortion with a negligible 3rd-harmonic component.
Focusing then on the 2nd-harmonic, increasing the load
impedance improves distortion directly. Remember that
the total load includes the feedback network; in the
noninverting configuration (see Figure 1), this is sum of
RF + RG, while in the inverting configuration it is just RF.
Also, providing an additional supply-decoupling capacitor
(0.1
µF) between the supply pins (for bipolar operation)
improves the 2nd-order distortion slightly (3dB to 6dB).
Operating
differentially
also
lowers
2nd-harmonic
distortion terms (see the plot on the front page).
In most op amps, increasing the output voltage swing
increases harmonic distortion directly. The new output
stage used in the OPA2690 actually holds the difference
between
fundamental
power
and
the
2nd-
and
3rd-harmonic powers relatively constant with increasing
output power until very large output swings are required
(>4VPP). This also shows up in the 2-tone, 3rd-order
intermodulation spurious (IM3) response curves. The
3rd-order spurious levels are extremely low at low output
power levels. The output stage continues to hold them low
even as the fundamental power reaches very high levels.
As the Typical Characteristics show, the spurious
intermodulation powers do not increase as predicted by a
traditional intercept model. As the fundamental power
level increases, the dynamic range does not decrease
significantly. For 2 tones centered at 20MHz, with
10dBm/tone into a matched 50
Ω load (i.e., 2VPP for each
tone at the load, which requires 8VPP for the overall 2-tone
envelope at the output pin), the Typical Characteristics
show 46dBc difference between the test tone powers and
the 3rd-order intermodulation spurious powers. This
exceptional performance improves further when operating
at lower frequencies or powers.
NOISE PERFORMANCE
High slew rate, unity-gain stable, voltage-feedback op
amps usually achieve their slew rate at the expense of a
higher input noise voltage. The 5.5nV/
√Hz input voltage
noise for the OPA2690 is, however, much lower than
comparable amplifiers. The input-referred voltage noise,
and the two input-referred current noise terms, combine to
give low output noise under a wide variety of operating
conditions. Figure 15 shows the op amp noise analysis
model with all the noise terms included. In this model, all
noise terms are taken to be noise voltage or current density
terms in either nV/
√Hz or pA/√Hz.
4kT
R
G
R
G
R
F
R
S
1/2
OPA2690
I
BI
E
O
I
BN
4kT = 1.6E
− 20J
at 290
_K
E
RS
E
NI
4kTR
S
4kTR
F
Figure 15. Op Amp Noise Analysis Model
The total output spot noise voltage can be computed as the
square root of the sum of all squared output noise voltage
contributors. Equation 6 shows the general form for the
output noise voltage using the terms shown in Figure 15.
E
O +
ENI
2 ) I
BNRS
2
) 4kTR
S
NG2
) I
BIRF
2
) 4kTR
FNG
Dividing
this
expression
by
the
noise
gain
(NG = (1 + RF/RG)) will give the equivalent input-referred
spot noise voltage at the noninverting input, as shown in
Equation 7.
E
N +
E
NI
2 ) I
BNRS
2
) 4kTR
S )
I
BIRF
NG
2
)
4kTR
F
NG
Evaluating these two equations for the OPA2690 circuit
and component values (see Figure 1) gives a total output
spot noise voltage of 12.3nV/
√Hz and a total equivalent
input spot noise voltage of 6.1nV/
√Hz. This is including the
noise added by the bias current cancellation resistor
(175
Ω) on the noninverting input. This total input-referred
spot noise voltage is only slightly higher than the
5.5nV/
√Hz specification for the op amp voltage noise
alone. This will be the case as long as the impedances
appearing at each op amp input are limited to the
previously recommend maximum value of 300
Ω. Keeping
both (RF RG) and the noninverting input source
impedance less than 300
Ω will satisfy both noise and
frequency response flatness considerations. As the
resistor-induced noise is relatively negligible, additional
capacitive decoupling across the bias current cancellation
resistor (RB) for the inverting op amp configuration of
Figure 12 is not required.
(6)
(7)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn