Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISTS150 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. ISTS150
Description  TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

ISTS150 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISTS150 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISTS150 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISTS150 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92003-AAS/A1
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.6
V
I
F = 20mA
Reverse Voltage (V
R)3
V
I
R = 10µA
Reverse Current (I
R)10
µAV
R = 3V
Output
Collector-emitter Breakdown (BV
CEO)30
V
I
C = 1mA
( Note 1 )
Emitter-collector Breakdown (BV
ECO)
5
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
100
nA
V
CE = 10V
Coupled
On-State Collector Current I
C ( ON )
( Note 1 )
ISTS150, ISTS250
250
µA
20mA I
F , 10V VCE
( no apertures )
ISTS822S, ISTS832S
250
µA
20mA I
F , 10V VCE
(0.25mm apertures phototransistors only)
ISTS822SD, ISTS832SD
100
µA
20mA I
F , 10V VCE
( 0.25mm apertures in front of both -
- emitters and phototransistors )
Collector-emitter Saturation VoltageV
CE(SAT)
ISTS150, ISTS250
0.4
V
20mA I
F , 125µA IC
ISTS822S, ISTS832S
0.4
V
20mA I
F , 125µA IC
ISTS822SD, ISTS832SD
0.4
V
20mA I
F , 50µA IC
Rise Time
tr
6
µsV
CC = 5V,
Fall Time
tf
6
µsI
F = 20mA, RL= 100Ω
Note 1
Special Selections are available on request. Please consult the factory.
24/9/97
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn