Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCS2552 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCS2552
Description  750 MHz Voltage Feedback Op Amp with Fast Enable Feature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2552 Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2552 Datasheet HTML 1Page - ON Semiconductor NCS2552 Datasheet HTML 2Page - ON Semiconductor NCS2552 Datasheet HTML 3Page - ON Semiconductor NCS2552 Datasheet HTML 4Page - ON Semiconductor NCS2552 Datasheet HTML 5Page - ON Semiconductor NCS2552 Datasheet HTML 6Page - ON Semiconductor NCS2552 Datasheet HTML 7Page - ON Semiconductor NCS2552 Datasheet HTML 8Page - ON Semiconductor NCS2552 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCS2552
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, VEE = −5.0 V, TA = −40°C to +85°C, RL = 150 W to GND, RF = 150 W,
AV = +2.0, Enable is left open, unless otherwise specified).
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
FREQUENCY DOMAIN PERFORMANCE
BW
Bandwidth
3.0 dB Small Signal
3.0 dB Large Signal
AV = +2.0, VO = 0.5 Vp−p
AV = +2.0, VO = 2.0 Vp−p
750
350
MHz
GF0.1dB
0.1 dB Gain Flatness
Bandwidth
AV = +2.0
40
MHz
dG
Differential Gain
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.07
%
dP
Differential Phase
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.01
°
TIME DOMAIN RESPONSE
SR
Slew Rate
AV = +2.0, Vstep = 2.0 V
1700
V/ms
ts
Settling Time
0.1%
AV = +2.0, Vstep = 2.0 V
10
ns
tr tf
Rise and Fall Time
(10%−90%) AV = +2.0, Vstep = 2.0 V
2.0
ns
tON
Turn−on Time
5.0
ns
tOFF
Turn−off Time
15
ns
HARMONIC/NOISE PERFORMANCE
THD
Total Harmonic Distortion
f = 5.0 MHz, VO = 2.0 Vp−p
−64
dB
HD2
2nd Harmonic Distortion
f = 5.0 MHz, VO = 2.0 Vp−p
−65
dBc
HD3
3rd Harmonic Distortion
f = 5.0 MHz, VO = 2.0 Vp−p
−75
dBc
IP3
Third−Order Intercept
f = 10 MHz, VO = 1.0 Vp−p
40
dBm
SFDR
Spurious−Free Dynamic
Range
f = 5.0 MHz, VO = 2.0 Vp−p
55
dBc
eN
Input Referred Voltage Noise
f = 1.0 MHz
5.0
nV Hz
iN
Input Referred Current Noise
f = 1.0 MHz
4.0
pA Hz


Similar Part No. - NCS2552

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCS2552 ONSEMI-NCS2552 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
NCS2552 ONSEMI-NCS2552 Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
More results

Similar Description - NCS2552

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz